Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7029 Datasheet(PDF) 19 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7029
Description  Multifunction ADPCM CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7029 Datasheet(HTML) 19 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7029 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
FEDL7029-04
ML7029
19/29
APPLICATION CIRCUIT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
GSX
NC
AIN–
NC
SG
NC
VA
NC
AG
NC
VFRO
NC
NC
DG
PDN
VD
BCLK
SYNC
PCMSO
PCMSI
IS
IR
PCMRO
PCMRI
NC
MCK
DEN
EXCK
DIN
DOUT
Master Clock
MCU I/F
PCM I/F
Power-down
R1
0.1 µF 10 µF
R2
ML7029
ADPCM DATA
10 µF
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com