Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7029 Datasheet(PDF) 21 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7029
Description  Multifunction ADPCM CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7029 Datasheet(HTML) 21 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7029 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7029 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
FEDL7029-04
ML7029
21/29
(1): PCM data serial to parallel conversion output
(2): ADPCM data serial to parallel conversion output
A: (1) Data internal latch timing
B: (2) Data internal latch timing
Figure 8
In this device, internal operating timing is generated according to the SYNC signal (see Figure 8). Therefore, a
data slip may occur in the following timing when the PCM and ADPCM data is input.
1. When the PCM signal (PCMSI) is captured
If TS: PCM signal output (1) after serial/parallel conversion and A: internal latch timing in Figure 6 overlap, a
data slip occurs.
2. When the ADPCM signal (IR) is captured
If Tr: ADPCM signal output (2) after serial/parallel conversion and B: internal latch timing in Figure 7 overlap,
a data slip occurs.
The data slip occurs at the timing of 1 and 2 above. Therefore, taking internal clock jitters and IC internal delay
into consideration, the timing of SYNC and BCLK signals should not be set up in the range of about 1
s from
the timing A and B.
PCMSI
IS
Internal Clock Generation
ADPCM COD
S/P
A
SYNC
BCLK
(1)
PCMRO
IR
ADPCM DEC
P/S
Latch
B
(2)
Latch
S/P
P/S
Latch
Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com