Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7578V Datasheet(PDF) 1 Page - LAPIS Semiconductor Co., Ltd.

Part # MSM7578V
Description  Single Rail CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

MSM7578V Datasheet(HTML) 1 Page - LAPIS Semiconductor Co., Ltd.

  MSM7578V Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. MSM7578V Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. MSM7578V Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. MSM7578V Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. MSM7578V Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. MSM7578V Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. MSM7578V Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. MSM7578V Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. MSM7578V Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FEDL7578V-01
Issue Date: Jun. 21, 2012
MSM7578V
Single Rail CODEC
GENERAL DESCRIPTION
The MSM7578V is single-channel CODEC CMOS ICs for voice signals ranging from 300 to 3400 Hz.
These devices contain filters for A/D and D/A conversion.
Designed especially for a single-power supply and low-power applications, these devices are particularly
optimized for telephone terminals in digital wireless systems and ISDN systems.
The devices use the same transmission clocks as those used in the MSM7508B and MSM7509B.
The analog output signal can directly drive a piezoelectric type handset receiver.
FEATURES
• Single power supply: +5.0 V
5%
• Low power consumption
Operating mode: 25 mW Typ. 47 mW Max. VDD = 5 V
Power down mode: 0.05 mW Typ. 0.3 mW Max. VDD = 5 V
• ITU-T Companding law
MSM7578V: μ/A-law pin-selectable
• Built-in PLL eliminates a master clock
• Serial data rate:
64/128/256/512/1024/2048 kHz
96/192/384/768/1536/1544/200 kHz
• Adjustable transmit gain
• Built-in reference voltage supply
• Directly drive a line transformer of 600 W
• The 16-pin DIP and 24-pin SOP package products provide pin compatibility with the MSM7508B/7509B
• The 20-pin SSOP package products have 1/3 the foot print of conventional products
• Package options:
16-pin plastic DIP (DIP16-P-300-2.54)
/* DIP PKG is End Of Life.
24-pin plastic SOP (SOP24-P-430-1.27-K)
20-pin plastic SSOP (SSOP20-P-250-0.95-K)
1/20


Similar Part No. - MSM7578V

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7578V OKI-MSM7578V Datasheet
158Kb / 18P
Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
Single Rail CODEC
logo
OKI electronic componet...
MSM7578VGS-K OKI-MSM7578VGS-K Datasheet
158Kb / 18P
Single Rail CODEC
MSM7578VMS-K OKI-MSM7578VMS-K Datasheet
158Kb / 18P
Single Rail CODEC
MSM7578VRS OKI-MSM7578VRS Datasheet
158Kb / 18P
Single Rail CODEC
More results

Similar Description - MSM7578V

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
Single Rail CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
Single Rail CODEC
MSM7508B OKI-MSM7508B Datasheet
147Kb / 17P
Single Rail CODEC
MSM7541 OKI-MSM7541 Datasheet
154Kb / 20P
Single Rail CODEC
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
Single Rail CODEC
MSM7578H OKI-MSM7578H Datasheet
158Kb / 18P
Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7717-01 LAPIS-MSM7717-01 Datasheet
1Mb / 20P
Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com