Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1007 Datasheet(PDF) 12 Page - Exar Corporation

Part # CLC1007
Description  Single, Dual, and Quad Low Cost, High Speed RRO Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1007 Datasheet(HTML) 12 Page - Exar Corporation

Back Button CLC1007 Datasheet HTML 8Page - Exar Corporation CLC1007 Datasheet HTML 9Page - Exar Corporation CLC1007 Datasheet HTML 10Page - Exar Corporation CLC1007 Datasheet HTML 11Page - Exar Corporation CLC1007 Datasheet HTML 12Page - Exar Corporation CLC1007 Datasheet HTML 13Page - Exar Corporation CLC1007 Datasheet HTML 14Page - Exar Corporation CLC1007 Datasheet HTML 15Page - Exar Corporation CLC1007 Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
© 2007-2014 Exar Corporation
12 / 27
exar.com/CLC1007
Rev 1D
CLC1007, CLC2007, CLC4007
Typical Performance Characteristics at +5V
TA = 25°C, VS = +5V, RL = 2kΩ to VS/2, G = +2, RF = 1.5kΩ; unless otherwise noted.
3rd Harmonic Distortion vs VO over Frequency
Non-Inverting Small Signal Pulse Response
3rd Harmonic Distortion vs RL over Frequency
2nd Harmonic Distortion vs VO over Frequency
Input Voltage Noise vs Frequency
2nd Harmonic Distortion vs RL over Frequency
15
20
25
30
35
40
45
50
55
0.1
1
10
100
1000
Frequency (KHz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
0
5
10
15
20
Frequency (MHz)
Hd2_RL = 2KΩ
Vs = +5V_VOUT = 2Vpp
Hd2_RL = 150Ω
-100
-90
-80
-70
-60
-50
-40
-30
-20
0
5
10
15
20
Frequency (MHz)
Hd3_RL = 150Ω
Vs = +/-5V_VOUT = 2Vpp
Hd3_RL = 2kΩ
Vs = +5V_VOUT = 2Vpp
-100
-90
-80
-70
-60
-50
-40
0.5
1
1.5
2
Output Amplitude (Vpp)
1MHz
Vs = +5V_RL = 150Ω
2MHz
5MHz
-100
-90
-80
-70
-60
-50
-40
0.5
1
1.5
2
Output Amplitude (Vpp)
1MHz
Vs = +5V_RL = 150Ω
2MHz
5MHz
Vs = +5V_RL = 150Ω
2.3
2.4
2.5
2.6
2.7
0
50
100
150
200
Time (ns)
Vs = +5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com