Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1007 Datasheet(PDF) 5 Page - Exar Corporation

Part # CLC1007
Description  Single, Dual, and Quad Low Cost, High Speed RRO Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1007 Datasheet(HTML) 5 Page - Exar Corporation

  CLC1007 Datasheet HTML 1Page - Exar Corporation CLC1007 Datasheet HTML 2Page - Exar Corporation CLC1007 Datasheet HTML 3Page - Exar Corporation CLC1007 Datasheet HTML 4Page - Exar Corporation CLC1007 Datasheet HTML 5Page - Exar Corporation CLC1007 Datasheet HTML 6Page - Exar Corporation CLC1007 Datasheet HTML 7Page - Exar Corporation CLC1007 Datasheet HTML 8Page - Exar Corporation CLC1007 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
© 2007-2014 Exar Corporation
5 / 27
exar.com/CLC1007
Rev 1D
CLC1007, CLC2007, CLC4007
Electrical Characteristics at ±5V
TA = 25°C, VS = ±5V, Rf = 1.5kΩ, RL = 2kΩ to GND; G = 2; unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
GBWP
-3dB Gain Bandwidth Product
G = +11, VOUT = 0.2Vpp
90
MHz
UGBW
Unity Gain Bandwidth
VOUT = 0.2Vpp, RF = 0
260
MHz
BWSS
-3dB Bandwidth
VOUT = 0.2Vpp
85
MHz
f0.1dB
0.1dB Gain Flatness
VOUT = 0.2Vpp, RL = 150Ω
22
MHz
BWLS
Large Signal Bandwidth
VOUT = 2Vpp
65
MHz
DG
Differential Gain
DC-coupled Output
0.03
%
AC-coupled Output
0.04
%
DP
Differential Phase
DC-coupled Output
0.03
°
AC-coupled Output
0.06
°
Time Domain
tR, tF
Rise and Fall Time
VOUT = 0.2V step
5
ns
tS
Settling Time to 0.1%
VOUT = 2V step, RL = 100Ω
25
ns
OS
Overshoot
VOUT = 0.2V step
5
%
SR
Slew Rate
G = -1, 5V step
225
V/μs
Distortion/Noise Response
THD
Total Harmonic Distortion
1MHz, VOUT = 2Vpp
76
dBc
en
Input Voltage Noise
>50kHz
16
nV/√Hz
XTALK
Crosstalk
f = 5MHz
58
dB
DC Performance
VIO
Input Offset Voltage
0.5
mV
dVIO
Average Drift
5
μV/°C
IB
Input Bias Current
1.3
μA
dIB
Average Drift
2
nA/°C
IOS
Input Offset Current
0.04
μA
PSRR
Power Supply Rejection Ratio
DC
102
dB
AOL
Open Loop Gain
RL = 2kΩ
92
dB
IS
Supply Current
per channel
2.6
mA
Input Characteristics
CIN
Input Capacitance
0.5
pF
CMIR
Common Mode Input Range
-5.3 to
4.1
V
CMRR
Common Mode Rejection Ratio
DC, VCM = -5 to 3.5V
100
dB
Output Characteristics
VOUT
Output Swing
RL = 150Ω
-4.8 to
4.8
V
RL = 2kΩ
-4.95 to
4.93
V
IOUT
Output Current
±100
mA
ISC
Short Circuit Current
VOUT = VS / 2
±125
V
VS
Power Supply Operating Range
2.7 to
12.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com