Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1007 Datasheet(PDF) 18 Page - Exar Corporation

Part # CLC1007
Description  Single, Dual, and Quad Low Cost, High Speed RRO Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1007 Datasheet(HTML) 18 Page - Exar Corporation

Back Button CLC1007 Datasheet HTML 14Page - Exar Corporation CLC1007 Datasheet HTML 15Page - Exar Corporation CLC1007 Datasheet HTML 16Page - Exar Corporation CLC1007 Datasheet HTML 17Page - Exar Corporation CLC1007 Datasheet HTML 18Page - Exar Corporation CLC1007 Datasheet HTML 19Page - Exar Corporation CLC1007 Datasheet HTML 20Page - Exar Corporation CLC1007 Datasheet HTML 21Page - Exar Corporation CLC1007 Datasheet HTML 22Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
© 2007-2014 Exar Corporation
18 / 27
exar.com/CLC1007
Rev 1D
CLC1007, CLC2007, CLC4007
Power Dissipation
Power dissipation should not be a factor when operating
under the stated 2kΩ load condition. However, applications
with low impedance, DC coupled loads should be analyzed
to ensure that maximum allowed junction temperature is
not exceeded. Guidelines listed below can be used to verify
that the particular application will not cause the device to
operate beyond it’s intended operating range.
Maximum power levels are set by the absolute maximum
junction rating of 170°C. To calculate the junction
temperature, the package thermal resistance value ThetaJA
(θJA) is used along with the total die power dissipation.
TJunction = TAmbient + (θJA × PD)
Where TAmbient is the temperature of the working
environment.
In order to determine PD, the power dissipated in the load
needs to be subtracted from the total power delivered by the
supplies.
PD = Psupply - Pload
Supply power is calculated by the standard power equation.
Psupply = Vsupply × IRMSsupply
Vsupply = VS+ - VS-
Power delivered to a purely resistive load is:
Pload = ((Vload)RMS2)/Rloadeff
The effective load resistor (Rloadeff) will need to include the
effect of the feedback network. For instance,
Rloadeff in Figure 3 would be calculated as:
RL || (Rf + Rg)
These measurements are basic and are relatively easy to
perform with standard lab equipment. For design purposes
however, prior knowledge of actual signal levels and load
impedance is needed to determine the dissipated power.
Here, PD can be found from
PD = PQuiescent + PDynamic - Pload
Quiescent power can be derived from the specified IS values
along with known supply voltage, Vsupply. Load power can
be calculated as above with the desired signal amplitudes
using:
(Vload)RMS = Vpeak / √2
( Iload)RMS = ( Vload)RMS / Rloadeff
The dynamic power is focused primarily within the output
stage driving the load. This value can be calculated as:
PDynamic = (VS+ - Vload)RMS × ( Iload)RMS
Assuming the load is referenced in the middle of the power
rails or Vsupply/2.
The CLC1007 is short circuit protected. However, this may
not guarantee that the maximum junction temperature
(+150°C) is not exceeded under all conditions. Figure 6
shows the maximum safe power dissipation in the package
vs. the ambient temperature for the packages available.
0
0.5
1
1.5
2
2.5
-40
-20
0
20
40
60
80
100
120
Ambient Temperature (°C)
MSOP-8
SOIC-8
TSSOP-14
TSOT-5
SOIC-14
Figure 6. Maximum Power Derating
Driving Capacitive Loads
Increased phase delay at the output due to capacitive loading
can cause ringing, peaking in the frequency response, and
possible unstable behavior. Use a series resistance, RS,
between the amplifier and the load to help improve stability
and settling performance. Refer to Figure 7.
+
-
Rf
Input
Output
Rg
Rs
CL
RL
Figure 7. Addition of RS for Driving Capacitive Loads
Table 1 provides the recommended RS for various capacitive
loads. The recommended RS values result in approximately
<1dB peaking in the frequency response.
CL (pF)
RS (Ω)
-3dB BW (MHz)
22pF
0
118
47pF
15
112
100pF
15
91
492pF
6.5
59
Table 1: Recommended RS vs. CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com