Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1606 Datasheet(PDF) 13 Page - Exar Corporation

Part # CLC1606
Description  1.3GHz Current Feedback Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1606 Datasheet(HTML) 13 Page - Exar Corporation

Back Button CLC1606 Datasheet HTML 9Page - Exar Corporation CLC1606 Datasheet HTML 10Page - Exar Corporation CLC1606 Datasheet HTML 11Page - Exar Corporation CLC1606 Datasheet HTML 12Page - Exar Corporation CLC1606 Datasheet HTML 13Page - Exar Corporation CLC1606 Datasheet HTML 14Page - Exar Corporation CLC1606 Datasheet HTML 15Page - Exar Corporation CLC1606 Datasheet HTML 16Page - Exar Corporation CLC1606 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Data Sheet
©2007-2013 Exar Corporation
13/18
Rev 1D
Application Information
Basic Operation
Figures 3, 4, and 5 illustrate typical circuit configurations for
non-inverting, inverting, and unity gain topologies for dual
supply applications. They show the recommended bypass
capacitor values and overall closed loop gain equations.
Figure 3. Typical Non-Inverting Gain Circuit
Figure 4. Typical Inverting Gain Circuit
Figure 5. Typical Unity Gain (G=1) Circuit
CFB amplifiers can be used in unity gain configurations.
Do not use the traditional voltage follower circuit, where
the output is tied directly to the inverting input. With a CFB
amplifier, a feedback resistor of appropriate value must be
used to prevent unstable behavior. Refer to figure 5 and
Table 1. Although this seems cumbersome, it does allow a
degree of freedom to adjust the passband characteristics.
Feedback Resistor Selection
One of the key design considerations when using a CFB
amplifier is the selection of the feedback resistor, Rf. Rf is
used in conjunction with Rg to set the gain in the traditional
non-inverting and inverting circuit configurations. Refer to
figures 3 and 4. As discussed in the Current Feedback
Technology section, the value of the feedback resistor has
a pronounced effect on the frequency response of the
circuit.
Table 1, provides recommended Rf and associated Rg
values for various gain settings. These values produce
the optimum frequency response, maximum bandwidth
with minimum peaking. Adjust these values to optimize
performance for a specific application. The typical
performance characteristics section includes plots that
illustrate how the bandwidth is directly affected by the
value of Rf at various gain settings.
Gain
(V/V
Rf (Ω)
Rg (Ω)
±0.1dB BW
(MHz)
-3dB BW
(MHz)
1
390
-
136
1300
2
270
270
150
1200
5
270
67.5
115
750
Table 1: Recommended Rf vs. Gain
In general, lowering the value of Rf from the recommended
value will extend the bandwidth at the expense of
additional high frequency gain peaking. This will cause
increased overshoot and ringing in the pulse response
characteristics. Reducing Rf too much will eventually
cause oscillatory behavior.
Increasing the value of Rf will lower the bandwidth.
Lowering the bandwidth creates a flatter frequency
response and improves 0.1dB bandwidth performance.
This is important in applications such as video. Further
increase in Rf will cause premature gain rolloff and
adversely affect gain flatness.
+
-
Rf
0.1μF
6.8μF
Output
G = - (Rf/Rg)
For optimum input offset
voltage set R1 = Rf || Rg
Input
+Vs
-Vs
0.1μF
6.8μF
RL
Rg
R1
+
-
Rf
0.1μF
6.8μF
Output
G = 1
Rf is required for CFB amplifiers
Input
+Vs
-Vs
0.1μF
6.8μF
RL
+
-
Rf
0.1μF
6.8μF
Output
G = 1 + (Rf/Rg)
Input
+Vs
-Vs
Rg
0.1μF
6.8μF
RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com