Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1606 Datasheet(PDF) 4 Page - Exar Corporation

Part # CLC1606
Description  1.3GHz Current Feedback Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1606 Datasheet(HTML) 4 Page - Exar Corporation

  CLC1606 Datasheet HTML 1Page - Exar Corporation CLC1606 Datasheet HTML 2Page - Exar Corporation CLC1606 Datasheet HTML 3Page - Exar Corporation CLC1606 Datasheet HTML 4Page - Exar Corporation CLC1606 Datasheet HTML 5Page - Exar Corporation CLC1606 Datasheet HTML 6Page - Exar Corporation CLC1606 Datasheet HTML 7Page - Exar Corporation CLC1606 Datasheet HTML 8Page - Exar Corporation CLC1606 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Data Sheet
©2007-2013 Exar Corporation
4/18
Rev 1D
Electrical Characteristics at +5V
TA = 25°C, Vs = +5V, Rf = 270Ω, RL = 150Ω to VS/2, G = 2; unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
UGBW
-3dB Bandwidth
G = +1, Rf = 390Ω, VOUT = 0.5Vpp
1000
MHz
BWSS
-3dB Bandwidth
G = +2, VOUT = 0.5Vpp
900
MHz
BWLS
Large Signal Bandwidth
G = +2, VOUT = 1Vpp
800
MHz
BW0.1dBSS
0.1dB Gain Flatness
G = +2, VOUT = 0.5Vpp
132
MHz
BW0.1dBLS
0.1dB Gain Flatness
G = +2, VOUT = 1Vpp
140
MHz
Time Domain Response
tR, tF
Rise and Fall Time
VOUT = 1V step; (10% to 90%)
0.6
ns
tS
Settling Time to 0.1%
VOUT = 1V step
10
ns
OS
Overshoot
VOUT = 0.2V step
1
%
SR
Slew Rate
1V step
1500
V/µs
Distortion/Noise Response
HD2
2nd Harmonic Distortion
1Vpp, 5MHz
-74
dBc
HD3
3rd Harmonic Distortion
1Vpp, 5MHz
-70
dBc
THD
Total Harmonic Distortion
1Vpp, 5MHz
68
dB
IP3
Third-Order Intercept
1Vpp, 10MHz
36
dBm
DG
Differential Gain
NTSC (3.58MHz), AC-coupled, RL = 150Ω
0.01
%
DP
Differential Phase
NTSC (3.58MHz), AC-coupled, RL = 150Ω
0.01
°
en
Input Voltage Noise
> 1MHz
3
nV/√Hz
ini
Input Current Noise
> 1MHz, Inverting
20
pA/√Hz
> 1MHz, Non-inverting
30
pA/√Hz
DC Performance
VIO
Input Offset Voltage
0
mV
dVIO
Average Drift
3.7
µV/°C
Ibn
Input Bias Current - Non-Inverting
±3.0
µA
dIbn
Average Drift
100
nA/°C
Ibi
Input Bias Current - Inverting
±6.0
µA
dIbi
Average Drift
56
nA/°C
PSRR
Power Supply Rejection Ratio
DC
55
dB
IS
Supply Current
6.5
mA
Input Characteristics
RIN
Input Resistance
Non-inverting
150
kΩ
Inverting
70
Ω
CIN
Input Capacitance
1.0
pF
CMIR
Common Mode Input Range
±1.5
V
CMRR
Common Mode Rejection Ratio
DC
50
dB
Output Characteristics
RO
Output Resistance
Closed Loop, DC
0.1
Ω
VOUT
Output Voltage Swing
RL = 150Ω
±1.5
V
IOUT
Output Current
±120
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com