Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1606 Datasheet(PDF) 2 Page - Exar Corporation

Part # CLC1606
Description  1.3GHz Current Feedback Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1606 Datasheet(HTML) 2 Page - Exar Corporation

  CLC1606 Datasheet HTML 1Page - Exar Corporation CLC1606 Datasheet HTML 2Page - Exar Corporation CLC1606 Datasheet HTML 3Page - Exar Corporation CLC1606 Datasheet HTML 4Page - Exar Corporation CLC1606 Datasheet HTML 5Page - Exar Corporation CLC1606 Datasheet HTML 6Page - Exar Corporation CLC1606 Datasheet HTML 7Page - Exar Corporation CLC1606 Datasheet HTML 8Page - Exar Corporation CLC1606 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Data Sheet
©2007-2013 Exar Corporation
2/18
Rev 1D
SOT23-5 Pin Assignments
Pin No.
Pin Name
Description
1
OUT
Output
2
-VS
Negative supply
3
+IN
Positive input
4
-IN
Negative input
5
+VS
Positive supply
SOT23-5 Pin Configuration
2
3
5
4
+IN
+VS
-IN
1
-VS
OUT
-
+
SOIC Pin Assignments
Pin No.
Pin Name
Description
1
NC
No connect
2
-IN1
Negative input, channel 1
3
+IN1
Positive input, channel 1
4
-VS
Negative supply
5
NC
No connect
6
OUT
Output
7
+VS
Positive supply
8
NC
No connect
SOIC Pin Configuration
2
3
4
5
6
7
8
+IN1
NC
OUT
NC
1
-IN1
NC
-VS
+VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com