Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2000ISO8 Datasheet(PDF) 15 Page - Exar Corporation

Part # CLC2000ISO8
Description  High Output Current Dual and Quad Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2000ISO8 Datasheet(HTML) 15 Page - Exar Corporation

Back Button CLC2000ISO8 Datasheet HTML 10Page - Exar Corporation CLC2000ISO8 Datasheet HTML 11Page - Exar Corporation CLC2000ISO8 Datasheet HTML 12Page - Exar Corporation CLC2000ISO8 Datasheet HTML 13Page - Exar Corporation CLC2000ISO8 Datasheet HTML 14Page - Exar Corporation CLC2000ISO8 Datasheet HTML 15Page - Exar Corporation CLC2000ISO8 Datasheet HTML 16Page - Exar Corporation CLC2000ISO8 Datasheet HTML 17Page - Exar Corporation CLC2000ISO8 Datasheet HTML 18Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Data Sheet
©2007-2013 Exar Corporation
15/18
Rev 1D
Overdrive Recovery
An overdrive condition is defined as the point when ei-
ther one of the inputs or the output exceed their specified
voltage range. Overdrive recovery is the time needed for
the amplifier to return to its normal or linear operating
point. The recovery time varies, based on whether the in-
put or output is overdriven and by how much the range is
exceeded. The CLC2000/CLC4000 will typically recover in
less than 40ns from an overdrive condition. Figure 5 shows
the CLC2000 in an overdriven condition.
Figure 5. Overdrive Recovery
Using the CLC2000/CLC4000 as a Differential Line Driver
The combination of good large signal bandwidth and high
output drive capability makes the CLC2000/CLC4000 well
suited for low impedance line driver applications, such
as the upstream data path for a ADSL CPE modem. The
dual channel configuration of the CLC2000 provides bet-
ter channel matching than a typical single channel device,
resulting in better overall performance in differential ap-
plications. When configured as a differential amplifier as
in figure 6, it can easily deliver the 13dBm to a standard
100Ω twisted-pair CAT3 or CAT5 cable telephone network,
as required in a ADSL CPE application.
Differential circuits have several advantages over single-
ended configurations. These include better rejection of
common mode signals and improvement of power-supply
rejection. The use of differential signaling also improves
overall dynamic performance. Total harmonic distortion
(THD) is reduced by the suppression of even signal har-
monics and the larger signal swings allow for an improved
signal to noise ratio (SNR).
+
VIN
Vo+
1:2
Vo-
Ro+=12.5Ω
RL=100Ω
Ro-=12.5Ω
1/2
CLC2000
1/2
CLC2000
Rg
Rf+
-
Rf-
VOUT
-Vs
+Vs
Figure 6: Typical Differential Transmission Line Driver
For any transmission requirement, the fundamental de-
sign parameters needed are the effective impedance of
the transmission line, the power required at the load, and
knowledge concerning the content of the transmitted sig-
nal. The basic design of such a circuit is briefly outlined
below, using the ADSL parameters as a guideline.
Data transmission techniques, such as ADSL, utilize ampli-
tude modulation techniques which are sensitive to output
clipping. A signal’s PEAK to RMS ratio, or Crest Factor (CF),
can be used to determine the adequate peak signal levels
to insure fidelity for a given signal.
For an ADSL system, the signal consists of 256 indepen-
dent frequencies with varying amplitudes. This results in
a noise-like signal with a crest factor of about 5.3. If the
driver does not have enough swing to handle the signal
peaks, clipping will occur and amplitude modulated infor-
mation can be corrupted, causing degradation in the sig-
nals Bit Error Rate.
To determine the required swing, first use the specified
load impedance to convert the RMS power to an RMS volt-
age. Then, multiply the RMS voltage by the crest factor to
get the peak values. For example 13dBm, as referenced to
1mW, is ~20mW. 20mW into the 100Ω CAT5 impedance
yields a RMS voltage of 1.413 VRMS . Using the ADSL crest
factor of 5.3 yields ~ ±7.5V peak signals.
-6
-4
-2
0
2
4
6
-3
-2
-1
0
1
2
3
0
20
40
60
80
100
120
140
160
180
200
Time (ns)
Output
Input
VIN = 2.5Vpp
G = 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com