Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2000ISO8 Datasheet(PDF) 16 Page - Exar Corporation

Part # CLC2000ISO8
Description  High Output Current Dual and Quad Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2000ISO8 Datasheet(HTML) 16 Page - Exar Corporation

Back Button CLC2000ISO8 Datasheet HTML 10Page - Exar Corporation CLC2000ISO8 Datasheet HTML 11Page - Exar Corporation CLC2000ISO8 Datasheet HTML 12Page - Exar Corporation CLC2000ISO8 Datasheet HTML 13Page - Exar Corporation CLC2000ISO8 Datasheet HTML 14Page - Exar Corporation CLC2000ISO8 Datasheet HTML 15Page - Exar Corporation CLC2000ISO8 Datasheet HTML 16Page - Exar Corporation CLC2000ISO8 Datasheet HTML 17Page - Exar Corporation CLC2000ISO8 Datasheet HTML 18Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Data Sheet
©2007-2013 Exar Corporation
16/18
Rev 1D
Line coupling through a 1:2 transformer is used to realize
these levels. Standard back termination is used to match
the characteristic 100Ω impedance of the CAT5 cable. For
proper power transfer, this requires an effective 1:4 im-
pedance match of 25Ω at the inputs of the transformer. To
account for the voltage drop of the impedance matching
resistors, the signal levels at the output of the amplifier
need to be doubled. Thus each amplifier will swing ±3.75V
about a centered common mode output voltage.
In general, the CLC2000/CLC4000 can be used in any ap-
plication where an economical and local hardwired con-
nection is needed. For example, routing analog or digital
video information for a in-cabin entertainment system.
Networking of a local surveillance system also could be
considered.
Layout Considerations
General layout and supply bypassing play major roles in
high frequency performance. Exar has evaluation boards
to use as a guide for high frequency layout and as aid in
device testing and characterization. Follow the steps below
as a basis for high frequency layout:
• Include 6.8µF and 0.1µF ceramic capacitors for power
supply decoupling
• Place the 6.8µF capacitor within 0.75 inches of the power pin
• Place the 0.1µF capacitor within 0.1 inches of the power pin
• Remove the ground plane under and around the part,
especially near the input and output pins to reduce para-
sitic capacitance
• Minimize all trace lengths to reduce series inductances
Refer to the evaluation board layouts below for more in-
formation.
Evaluation Board Information
The following evaluation board is available to aid in the
testing and layout of this device:
Evaluation Board #
Products
CEB006
CLC2000
CEB018
CLC4000
Evalutaion Board Schematics
Evaluation board schematics and layouts are shown in Fig-
ures 7-9. These evaluation boards are built for dual- sup-
ply operation. Follow these steps to use the board in a
single-supply application:
1. Short -Vs to ground.
2. Use C3 and C4, if the -VS pin of the amplifier is not
directly connected to the ground plane.
Figure 7. CEB006 Schematic
Figure 8. CEB006 Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com