Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2000ISO8 Datasheet(PDF) 5 Page - Exar Corporation

Part # CLC2000ISO8
Description  High Output Current Dual and Quad Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2000ISO8 Datasheet(HTML) 5 Page - Exar Corporation

  CLC2000ISO8 Datasheet HTML 1Page - Exar Corporation CLC2000ISO8 Datasheet HTML 2Page - Exar Corporation CLC2000ISO8 Datasheet HTML 3Page - Exar Corporation CLC2000ISO8 Datasheet HTML 4Page - Exar Corporation CLC2000ISO8 Datasheet HTML 5Page - Exar Corporation CLC2000ISO8 Datasheet HTML 6Page - Exar Corporation CLC2000ISO8 Datasheet HTML 7Page - Exar Corporation CLC2000ISO8 Datasheet HTML 8Page - Exar Corporation CLC2000ISO8 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Data Sheet
©2007-2013 Exar Corporation
5/18
Rev 1D
Electrical Characteristics
TA = 25°C, Vs = 12V, Rf = Rg = 510Ω, RL = 100Ω to VS/2, G = 2; unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
UGBW
-3dB Bandwidth
G = +1, VOUT = 0.2Vpp, Rf = 0
510
MHz
BWSS
-3dB Bandwidth
G = +2, VOUT = 0.2Vpp
250
MHz
BWLS
Large Signal Bandwidth
G = +2, VOUT = 4Vpp
35
MHz
BW0.1dB
0.1dB Gain Flatness
G = +2, VOUT = 0.2Vpp
32
MHz
Time Domain Response
tR, tF
Rise and Fall Time
VOUT = 4V step; (10% to 90%)
13.3
ns
tS
Settling Time to 0.1%
VOUT = 2V step
20
ns
OS
Overshoot
VOUT = 0.2V step
2
%
SR
Slew Rate
VOUT = 4V step
210
V/µs
Distortion/Noise Response
HD2
2nd Harmonic Distortion
2Vpp, 100KHz, RL = 25Ω
-84
dBc
2Vpp, 1MHz, RL = 100Ω
-86
dBc
8.4Vpp, 100KHz, RL = 25Ω
-63
dBc
8.4Vpp, 1MHz, RL = 100Ω
-82
dBc
HD3
3rd Harmonic Distortion
2Vpp, 100KHz, RL = 25Ω
-88
dBc
2Vpp, 1MHz, RL = 100Ω
-80
dBc
8.4Vpp, 100KHz, RL = 25Ω
-63
dBc
8.4Vpp, 1MHz, RL = 100Ω
-83
dBc
DG
Differential Gain
NTSC (3.58MHz), DC-coupled, RL = 150Ω
0.009
%
DP
Differential Phase
NTSC (3.58MHz), DC-coupled, RL = 150Ω
0.06
°
en
Input Voltage Noise
> 1MHz
4.5
nV/√Hz
in
Input Current Noise
> 1MHz
2.7
pA/√Hz
XTALK
Crosstalk
Channel-to-channel 5MHz
-62
dB
DC Performance
VIO
Input Offset Voltage(1)
-6
0.3
6
mV
dVIO
Average Drift
0.383
µV/°C
IIO
Input Offset Current(1)
-2
0.2
2
µA
Ib
Input Bias Current(1)
10
20
µA
dIbni
Average Drift
2.5
nA/°C
PSRR
Power Supply Rejection Ratio(1)
DC
73
81
dB
AOL
Open-Loop Gain
RL = 25
76
dB
IS
Supply Current(1)
per channel
7
12
mA
Input Characteristics
RIN
Input Resistance
Non-inverting
2.5
MΩ
CIN
Input Capacitance
1
pF
CMIR
Common Mode Input Range
0.6 to
11.4
V
CMRR
Common Mode Rejection Ratio(1)
DC
70
79
dB
Output Characteristics
RO
Output Resistance
Closed Loop, DC
0.01
Ω
VOUT
Output Voltage Swing
RL = 25Ω (1)
1.5
1.2 to
10.8
10.5
V
RL = 1kΩ
0.8 to
11.2
V
ISC
Short-Circuit Output Current
VOUT = VS / 2
1000
mA
Notes:
1. 100% tested at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com