Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRCP-RHT Datasheet(PDF) 1 Page - Copal Electronics

Part # PRCP-RHT
Description  Polymer Resettable Circuit Protectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PRCP-RHT Datasheet(HTML) 1 Page - Copal Electronics

  PRCP-RHT Datasheet HTML 1Page - Copal Electronics PRCP-RHT Datasheet HTML 2Page - Copal Electronics PRCP-RHT Datasheet HTML 3Page - Copal Electronics PRCP-RHT Datasheet HTML 4Page - Copal Electronics PRCP-RHT Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
Compliant with AEC-Q200 Rev-C-Stress
Test Qualification for Passive Components
in Automotive Applications
Operating temperature range up to 125 °C
Low thermal derating factor
Higher hold currents at elevated
temperature
Choice of operating cuttents
RoHS compliant* and halogen free**
PRCP-RHT Series - Polymer Resettable Circuit Protectors
*RoHS Directive 2002/95/EC Jan 27 2003 including annex and RoHS Recast 2011/65/EU June 8,2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Model
V max.
Volts
I max.
Amps
Ihold
I trip
Resistance
Max. Time
To Trip
Tripped
Power
Dissipation
Amperes
at 23 °C
Ohms
at 23 °C
Amperes
at 23 °C
Seconds
at 23 °C
Watts
at 23 °C
Hold
Trip
RMin.
R1Max.
(Post Trip)
Max.
Typ.
PRCP-RHT070
16
40
0.7
1.4
0.3
0.8
3.5
4.0
1.4
PRCP-RHT200
16
100
2.0
3.8
0.045
0.110
12.5
3.0
1.4
PRCP-RHT450
16
100
4.5
7.8
0.022
0.054
22.5
3.0
3.6
PRCP-RHT650
16
100
6.5
12.0
0.011
0.026
32.5
5.5
4.3
PRCP-RHT750
16
100
7.5
13.1
0.0094
0.022
37.5
7.0
4.5
PRCP-RHT1300
16
100
13.0
24.0
0.0041
0.010
60.0
13.0
6.9
Environmental Characteristics
Operating Temperature
-40 °C to +125 °C
Storage Tempetature............................................-40 °C to +85 °C
Passive Aging .......................................................+85 °C, 1000 hours............................................... ±15 % typical resistance change
Humidity Aging......................................................+85 °C, 85 % R.H. 1000 hours..............................
Thermal Shock......................................................MIL-STD-202, Method 107,...................................
+125 °C to -40 °C, 10 cycles
Vibration ...............................................................MIL-STD-883C, Method 2007.1, Condition A ....... No change
Test Procedutes And Requirements For Model PRCP-RHT Series
Accept/Reject Criteria
Test Conditions
Test
Visual/Mech.......................................................... Verify dimensions and materials........................... Per PRCP physical description
Resistance............................................................ In still air @ 23 °C................................................. Rmin ≤ R ≤ R1max
  
Time to Trip........................................................... At specified current. Vmax. 23 °C ........................ T ≤ max. time to trip (seconds)
Hold Current......................................................... 30 min. at Ihold..................................................... No trip
Trip Cycle Life....................................................... Vmax, Imax, 100 cycles........................................ No arcing or burning
Trip Endurance..................................................... Vmax, 48 hours..................................................... No arcing or burning
Solderability........................................................... MIL-STD-202, Method 208.................................... 95 % min. coverage
Thermal Derating Chart - I hold (Amps)
Model
Ambient Operating Tempetature
-40 °C
-20 °C
0 °C
23 °C
40 °C
50 °C
60 °C
70 °C
85 °C
125 °C
PRCP-RHT070
0.95
0.87
0.79
0.7
0.62
0.56
0.51
0.47
0.39
0.17
PRCP-RHT200
2.71
2.49
2.26
2.00
1.77
1.60
1.46
1.34
1.11
0.49
PRCP-RHT450
6.1
5.6
5.1
4.5
4.0
3.6
3.3
3.0
2.5
1.1
PRCP-RHT650
8.8
8.1
7.4
6.5
5.7
5.3
4.8
4.3
3.6
1.6
PRCP-RHT750
10.2
9.4
8.6
7.5
6.6
6.1
5.6
5.0
4.1
1.9
PRCP-RHT1300
17.7
16.3
14.8
13.0
11.4
10.5
9.6
8.6
7.2
3.3
RH750
4180S
How to Order
PRCP - RHT 750 - __
Product Designator
Series
RHT = High Temperature
Radial Leaded Component
Hold Current,Ihold
070 - 1300 (0.70 - 13.00 Amps)
Packaging Options
- = Bulk Packaging
- 2 = Tape and Reel*
*Packaged per EIA 486-B
.........................................
±15 % typical resistance change
±10 % typical resistance change
Resettable fault protection of general
electronic equipment
**COPAL follows the prevailing definition of “halogen free” in the industry. COPAL considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less;
(b) the Chlorine (CI) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (CI) content is 1500 ppm or less.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.


Similar Part No. - PRCP-RHT

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PRCP-R COPAL-PRCP-R Datasheet
1Mb / 7P
Polymer Resettable Circuit Protectors
PRCP-R005 COPAL-PRCP-R005 Datasheet
1Mb / 7P
Polymer Resettable Circuit Protectors
PRCP-R010 COPAL-PRCP-R010 Datasheet
1Mb / 7P
Polymer Resettable Circuit Protectors
PRCP-R017 COPAL-PRCP-R017 Datasheet
1Mb / 7P
Polymer Resettable Circuit Protectors
PRCP-R020 COPAL-PRCP-R020 Datasheet
1Mb / 7P
Polymer Resettable Circuit Protectors
More results

Similar Description - PRCP-RHT

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CR-CP COPAL-CR-CP Datasheet
286Kb / 2P
CERAMIC RESETTABLE CIRCUIT PROTECTORS
PRCP-MSMF COPAL-PRCP-MSMF Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-NSMF COPAL-PRCP-NSMF Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-PSMF COPAL-PRCP-PSMF Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-R COPAL-PRCP-R Datasheet
1Mb / 7P
Polymer Resettable Circuit Protectors
PRCP-RM COPAL-PRCP-RM Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-RX72 COPAL-PRCP-RX72 Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-SM COPAL-PRCP-SM Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-SMDF COPAL-PRCP-SMDF Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-USMF COPAL-PRCP-USMF Datasheet
957Kb / 5P
Polymer Resettable Circuit Protectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com