Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRCP-RHT Datasheet(PDF) 2 Page - Copal Electronics

Part # PRCP-RHT
Description  Polymer Resettable Circuit Protectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PRCP-RHT Datasheet(HTML) 2 Page - Copal Electronics

  PRCP-RHT Datasheet HTML 1Page - Copal Electronics PRCP-RHT Datasheet HTML 2Page - Copal Electronics PRCP-RHT Datasheet HTML 3Page - Copal Electronics PRCP-RHT Datasheet HTML 4Page - Copal Electronics PRCP-RHT Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PRCP-RHT Series - Polymer Resettable Circuit Protectors
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Model
A
B
C
D
E
F
Physical Characteristics
Max.
Max.
Nom.
Tol. ±
Min.
Max.
Nom.
Style
Material
PRCP-RHT070
6.86
(0.27)
10.8
(0.425)
5.1
(0.201)
0.7
(0.028)
7.6
(0.30)
3.0
(0.12)
0.51
(0.020)
1
Sn/CuFe
PRCP-RHT200
9.4
(0.37)
14.0
(0.55)
5.1
(0.201)
0.7
(0.028)
7.6
(0.30)
3.0
(0.12)
0.51
(0.020)
3
Sn/Cu
PRCP-RHT450
10.4
(0.41)
15.6
(0.61)
5.1
(0.201)
0.7
(0.028)
7.6
(0.30)
3.0
(0.12)
0.81
(0.032)
2
Sn/Cu
PRCP-RHT650
12.7
(0.50)
22.2
(0.88)
5.1
(0.201)
0.7
(0.028)
7.6
(0.30)
3.0
(0.12)
0.81
(0.032)
2
Sn/Cu
PRCP-RHT750
14.0
(0.55)
23.5
(0.93)
5.1
(0.201)
0.7
(0.028)
7.6
(0.30)
3.0
(0.12)
0.81
(0.032)
2
Sn/Cu
PRCP-RHT1300
23.5
(0.925)
28.7
(1.17)
10.2
(0.402)
0.7
(0.028)
7.6
(0.30)
3.6
(0.14)
1.0
(0.040)
2
Sn/Cu
Packaging:
BULK:
500 pcs. per bag
TAPE & REEL: PRCP-RHT070 ~ PRCP-RHT200 = 3000 pcs. per reel; PRCP-RHT450 ~ PRCP-RHT650 = 1500 pcs. per reel;
PRCP-RHT750 ~ PRCP-RHT1300 = 1000 pcs. per reel
Typical Time to Trip at 23 °C
Typical Part Marking
Represents total content. Layout may vary.
0.51 (24AWG)
0.81 (20AWG)
1.0 (18AWG)
Applications
Protection of automotive circuitry including engine control modules
Overcurrent surge protection of electronic equipment required to operate at high operating temperature ranges
t
Resettable fault protection of general electronic equipment
A
E
B
D
C
E
Style 2
B
D
A
C
F
Style 1
F
F
A
E
B
D
C
Style 3
RH750
4180S
MANUFACTURER'S
MARK
PART
IDENTIFICATION
COUNTRY OF
MANUFACTURE
(S = CHINA)
DATE CODE
(FIRST DIGIT =
LAST DIGIT OF YEAR;
NEXT THREE DIGITS =
DAY OF YEAR)
EXAMPLE: 4180 = 2004 DAY 180
0.01
0.1
1
10
100
0
0
1
0
1
1
Fault Current (Amps)
PRCP-RHT070 PRCP-RHT200
PRCP-RHT450
PRCP-RHT1300
PRCP-RHT650
PRCP-RHT750
The Time to Trip curves represent
typical performance of a device in
a simulated application environment.
customer applications may differ
from these values due to the
influence of other variables.
Actual performance in specific
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com