Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRCP-RHT Datasheet(PDF) 3 Page - Copal Electronics

Part # PRCP-RHT
Description  Polymer Resettable Circuit Protectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PRCP-RHT Datasheet(HTML) 3 Page - Copal Electronics

  PRCP-RHT Datasheet HTML 1Page - Copal Electronics PRCP-RHT Datasheet HTML 2Page - Copal Electronics PRCP-RHT Datasheet HTML 3Page - Copal Electronics PRCP-RHT Datasheet HTML 4Page - Copal Electronics PRCP-RHT Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IEC
EIA
Tolerance
Dimensions
Mark
Mark
Dimension Description
Carrier tape width
W
W
18
-0.5/+1.0
(.709)
(-0.02/+.039)
Hold down tape width
W0
W4
11
min.
(.433)
No protrusion
Hold down tape
Top distance between tape edges
W2
W6
3
max.
(.118)
Sprocket hole position
W1
W5
9
(.354)
Sprocket hole diameter
D0
D0
4
±0.2
(.157)
(±.0078)
Abscissa to plane (straight lead)
H
H
18.5
±3.0
(.728)
(±.118)
Abscissa to plane (kinked lead)
H0
H0
16
±0.5
(.63)
Abscissa to top: PRCP-RHT070 ~ PRCP-RHT450
H1
H1
32.2
max.
(1.268)
Abscissa to top: PRCP-RHT650 ~ PRCP-RHT1300
H1
H1
45.0
max.
(1.837)
Overall width w/lead protrusion: PRCP-RHT070 ~ PRCP-RHT450
C1
42.5
max.
(1.673)
Overall width w/lead protrusion: PRCP-RHT650 ~ PRCP-RHT1300
C1
55.0
max.
(2.165)
Overall width w/o lead protrusion: PRCP-RHT070 ~ PRCP-RHT450
C2
42.5
max.
(1.673)
Overall width w/o lead protrusion: PRCP-RHT650 ~ PRCP-RHT1300
C2
54.0
max.
(2.126)
Lead protrusion
I 1
L 1
1.0
max.
(.039)
Protrusion of cutout
L
L
11
max.
(.433)
Protrusion beyond hold-down tape
r
I 2
I 2
Not specified
Sprocket hole pitch
P0
P0
12.7
±0.3
(0.5)
(±.012)
20 consecutive
Pitch tolerance
±1
(±.039)
Device pitch: PRCP-RHT070 ~ PRCP-RHT450
12.7
±0.3
(0.5)
(±.012)
Device pitch: PRCP-RHT650 ~ PRCP-RHT1300
25.4
±0.6
(1.0)
(±.024)
Tape thickness
t
t
0.9
max.
(.035)
Tape thickness with splice: PRCP-RHT070
t 1
1.5
max.
(.059)
Tape thickness with splice: PRCP-RHT450 ~ PRCP-RHT1300
t 1
2.3
max.
(.091)
Splice sprocket hole alignment
±0.2
4.0
(.157)
Body lateral deviation
h
h
0
±1
(±.039)
Body tape plane deviation
p
p
0
±0.3
(±.012)
Ordinate to adjacent component lead
P1
P1
3.81
±0.07
(.015)
(±.028)
PRCP-RHT Series Tape and Reel Specifications
Devices taped using EIA468–B/IEC60286-2 standards. See table below and Figures 1 and 2 for details.
DIMENSIONS:
MM
(INCHES)
(±.008)
(±.02)
(-0.02/+0.03)
-0.5/+0.75
Dimensions
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com