Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRCP-RX72 Datasheet(PDF) 1 Page - Copal Electronics

Part # PRCP-RX72
Description  Polymer Resettable Circuit Protectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PRCP-RX72 Datasheet(HTML) 1 Page - Copal Electronics

  PRCP-RX72 Datasheet HTML 1Page - Copal Electronics PRCP-RX72 Datasheet HTML 2Page - Copal Electronics PRCP-RX72 Datasheet HTML 3Page - Copal Electronics PRCP-RX72 Datasheet HTML 4Page - Copal Electronics PRCP-RX72 Datasheet HTML 5Page - Copal Electronics PRCP-RX72 Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRCP-RX/72 Series - Polymer Resettable Circuit Protectors
RX110
4180S
Electrical Characteristics
Features
72 V rated
Radial leaded devices
Cured,flame retardant epoxy polymer
insulating material meets
UL 94V-0 requirements
RoHS compliant* and halogen free**
Agency recognition:
Applications
Almost anywhere there is a low voltage
power supply, up to 72 V and a load to be
protected,including:
Security and fire alarm systems
Loudspeakers
Power transformers
1 Hour(R )
Max. Time
Tripped
Ihold
Itrip
Initial
Post-Trip
To Trip
Power
Resistance
Dissipation
Resistance
Model
Amperes
Ohms
Ohms
Amperes
Seconds
Watts
V max.
I max.
at 23 °C
Volts
Amps
Typ.
Max.
Max.
Min.
Trip
Hold
PRCP-RX020/72
72
40
0.20
0.40
1.50
2.84
4.40
1.0
2.2
0.40
PRCP-RX025/72
0.25
0.50
1.00
1.95
3.00
1.25
2.5
0.45
PRCP-RX030/72
0.30
0.60
0.76
1.36
2.10
1.5
3.0
0.50
PRCP-RX040/72
0.40
0.80
0.52
0.86
1.29
2.0
3.9
0.55
PRCP-RX050/72
0.50
1.00
0.41
0.77
1.17
2.5
4.0
0.75
PRCP-RX065/72
0.65
1.30
0.27
0.48
0.72
3.25
5.3
0.90
PRCP-RX075/72
0.75
1.50
0.18
0.40
0.60
3.75
6.3
0.90
PRCP-RX090/72
0.90
1.80
0.14
0.31
0.47
4.5
7.2
1.00
PRCP-RX110/72
1.10
2.20
0.15
0.25
0.38
5.5
8.2
1.50
PRCP-RX135/72
1.35
2.70
0.12
0.19
0.30
6.75
9.6
1.70
PRCP-RX160/72
1.60
3.20
0.09
0.14
0.22
8.0
11.4
1.90
PRCP-RX185/72
1.85
3.70
0.08
0.12
0.19
9.25
12.6
2.10
PRCP-RX250/72
2.50
5.00
0.05
0.08
0.13
12.5
15.6
2.50
PRCP-RX300/72
3.00
6.00
0.04
0.06
0.10
15.0
19.8
2.80
PRCP-RX375/72
3.75
7.50
0.03
0.05
0.08
18.75
24.0
3.20
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Customers should verify actual device performance in their specific applications.
Operating/Storage Temperature
..-40 °C to 85 °C
Maximum Device Surface Temperature
in Tripped State.
..125 °C
Passive Aging.
..+85 °C,1000 hours.
..±5 % typical resistance change
Humidity Aging.
..+85 °C, 85 % R.H. 1000 hours.
Thermal Shock.
..+85 °C to -55 °C, 10 times.
Solvent Resistance.
..MIL-STD-202, Method 215
..No change
..MIL-STD-883C, Method 2007.1,.
..No change
Condition A
Environmental Characteristics
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech..........................................................Verify dimensions and materials......................Per PRCP physical description
Resistance..........................................................
..........................................
..In still air @ 23°C.
..Rmin ≤ R ≤ R1 max
Time to Trip..........................................................5 times Ihold,Vmax, 23 °C.
..T ≤ max. time to trip (seconds)
Hold Current.......................................................
..No trip
..30 min at Ihold.
Trip Cycle Life....................................................
..Vmax, 48 hours.
..Vmax, Imax, 100 cycles.
Trip Endurance...................................................
..No arcing or burning
..No arcing or burning
UL File Number....................................................E300792
CSA File Number..................................................CA1730526
TÜV Certificate Number.......................................R 50075506
Test Procedures And Requirements For Model PRCP-RX/72 Series
..±5 % typical resistance change
..± 10% typical resistance change
Vibration.
72
40
72
72
40
40
72
40
72
40
72
72
40
40
72
40
72
40
72
72
40
40
72
40
72
40
72
40
at 23 °C
at 23 °C
at 23 °C
at 23 °C
at 23 °C
1
...............................................
....................................................
..................................................
..................................................
...........................................
............................................................
........................................
.....................
.............................
..............................
...................
..........................
.............................
..............................................
..................................
..............................................
** COPAL follows the prevailing definition of “halogen free” in the industry. COPAL considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less;
(b) the Chlorine (CI) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (CI) content is 1500 ppm or less.


Similar Part No. - PRCP-RX72

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PRCP-R COPAL-PRCP-R Datasheet
1Mb / 7P
Polymer Resettable Circuit Protectors
PRCP-R005 COPAL-PRCP-R005 Datasheet
1Mb / 7P
Polymer Resettable Circuit Protectors
PRCP-R010 COPAL-PRCP-R010 Datasheet
1Mb / 7P
Polymer Resettable Circuit Protectors
PRCP-R017 COPAL-PRCP-R017 Datasheet
1Mb / 7P
Polymer Resettable Circuit Protectors
PRCP-R020 COPAL-PRCP-R020 Datasheet
1Mb / 7P
Polymer Resettable Circuit Protectors
More results

Similar Description - PRCP-RX72

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CR-CP COPAL-CR-CP Datasheet
286Kb / 2P
CERAMIC RESETTABLE CIRCUIT PROTECTORS
PRCP-MSMF COPAL-PRCP-MSMF Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-NSMF COPAL-PRCP-NSMF Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-PSMF COPAL-PRCP-PSMF Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-R COPAL-PRCP-R Datasheet
1Mb / 7P
Polymer Resettable Circuit Protectors
PRCP-RHT COPAL-PRCP-RHT Datasheet
979Kb / 5P
Polymer Resettable Circuit Protectors
PRCP-RM COPAL-PRCP-RM Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-SM COPAL-PRCP-SM Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-SMDF COPAL-PRCP-SMDF Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-USMF COPAL-PRCP-USMF Datasheet
957Kb / 5P
Polymer Resettable Circuit Protectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com