Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRCP-RX72 Datasheet(PDF) 2 Page - Copal Electronics

Part # PRCP-RX72
Description  Polymer Resettable Circuit Protectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PRCP-RX72 Datasheet(HTML) 2 Page - Copal Electronics

  PRCP-RX72 Datasheet HTML 1Page - Copal Electronics PRCP-RX72 Datasheet HTML 2Page - Copal Electronics PRCP-RX72 Datasheet HTML 3Page - Copal Electronics PRCP-RX72 Datasheet HTML 4Page - Copal Electronics PRCP-RX72 Datasheet HTML 5Page - Copal Electronics PRCP-RX72 Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRCP-RX/72 Series - Polymer Resettable Circuit Protectors
Additional Features
Resettable circuit protection
Bulk packaging, tape and reel available on most models
Product Dimensions
Packaging options:
BULK: 500 pcs. per bag.
TAPE & REEL: PRCP-RX020/72-2 ~ PRCP-RX090/72-2 = 3000 pcs. per reel; PRCP-RX110/72-2 ~ PRCP-RX160/72-2 = 1500 pcs. per reel;
PRCP-RX185/72-2 ~ PRCP-RX375/72-2 = 1000 pcs. per reel.
(INCHES)
DIMENSIONS =
How to Order
PRCP - RX 110/72 - 2
Product Designator
Series
RX = Radial Leaded Component
Hold Current, Ihold
020-375 (0.20 Amps - 3.75 Amps)
Maximum Voltage,Vmax
72 (72 Volts)
Packaging Options
- 0 = Bulk Packaging
- 2 = Tape and Reel*
*Packaged per EIA 486-B
Typical Part Marking:RX020/72-RX025/72
Represents total content. Layout may vary.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Customers should verify actual device performance in their specific applications.
A
E
B
D
C
Style 1
A
E
B
D
C
Style 2
RX025
5A
PART
IDENTIFICATION
MANUFACTURER'S
MARK
DATE CODE:
WEEK 1 OF 2005 = 5A
(YEAR & WEEK)
WEEK 27 OF 2005 = A5
(WEEK & YEAR)
RX030/72-RX375/72
RX110
5180S
MANUFACTURER'S
MARK
PART
IDENTIFICATION
LOT NO.
(S = CHINA)
DATE CODE
(FIRST DIGIT =
LAST DIGIT OF YEAR;
NEXT THREE DIGITS =
DAY OF YEAR)
A
B
C
D
E
Physical Characteristics
Model
Max.
Max.
Nom.
Tol.±
Min.
Max.
Style
Lead Dia.
Material
PRCP-RX020/72
7.4
12.7
5.1
0.7
7.6
3.1
1
0.51
Sn/CuFe
PRCP-RX025/72
7.4
3.1
1
0.51
Sn/CuFe
PRCP-RX030/72
7.4
13.4
3.1
1
0.51
Sn/CuFe
PRCP-RX040/72
7.4
13.7
3.1
1
0.51
Sn/CuFe
PRCP-RX050/72
7.9
13.7
3.1
1
10.51
Sn/Cu
PRCP-RX065/72
9.7
15.2
3.1
1
0.51
Sn/Cu
PRCP-RX075/72
10.4
16.0
3.1
1
0.51
Sn/Cu
PRCP-RX090/72
11.7
16.70
3.1
1
0.51
Sn/Cu
PRCP-RX110/72
10.84
16.84
3.1
2
0.81
Sn/Cu
PRCP-RX135/72
12.26
18.26
3.1
2
0.81
Sn/Cu
PRCP-RX160/72
13.94
19.94
3.1
2
0.81
Sn/Cu
PRCP-RX185/72
15.18
21.18
3.1
2
0.81
Sn/Cu
PRCP-RX250/72
17.84
23.84
10.2
3.1
2
0.81
Sn/Cu
PRCP-RX300/72
20.67
26.67
10.2
3.1
2
0.81
Sn/Cu
PRCP-RX375/72
23.51
29.51
10.2
3.1
2
0.81
Sn/Cu
(0.291)
(0.5)
(0.201)
(0.028)
( 0.30 )
(0.122)
(0.291)
( 0.30 )
( 0.30 )
( 0.30 )
( 0.30 )
( 0.30 )
( 0.30 )
( 0.30 )
( 0.30 )
( 0.30 )
( 0.30 )
( 0.30 )
( 0.30 )
( 0.30 )
( 0.30 )
(0.291)
(0.122)
(0.122)
(0.122)
(0.122)
(0.122)
(0.122)
(0.122)
(0.122)
(0.122)
(0.122)
(0.122)
(0.122)
(0.122)
(0.122)
(0.020)
(0.020)
(0.020)
(0.020)
(0.020)
(0.020)
(0.020)
(0.020)
(0.032)
(0.032)
(0.032)
(0.032)
(0.032)
(0.032)
(0.032)
(0.201)
(0.201)
(0.201)
(0.201)
(0.201)
(0.201)
(0.201)
(0.201)
(0.201)
(0.201)
(0.201)
(0.402)
(0.402)
(0.402)
(0.028)
(0.028)
(0.028)
(0.028)
(0.028)
(0.028)
(0.028)
(0.028)
(0.028)
(0.028)
(0.028)
(0.028)
(0.028)
(0.028)
(0.5)
(0.528)
(0.539)
(0.291)
(0.311)
(0.382)
(0.409)
(0.461)
(0.427)
(0.483)
(0.549)
(0.598)
(0.702)
(0.814)
(0.926)
(0.539)
(0.598)
(0.657)
(0.630)
(0.662)
(0.718)
(0.785)
(0.938)
(0.833)
(1.161)
(1.050)
5.1
5.1
5.1
5.1
5.1
5.1
5.1
5.1
5.1
5.1
5.1
12.7
7.6
7.6
7.6
7.6
7.6
7.6
7.6
7.6
7.6
7.6
7.6
7.6
7.6
7.6
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
0.7
MM
Typical Part Marking:
Represents total content. Layout may vary.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com