Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRCP-RX72 Datasheet(PDF) 3 Page - Copal Electronics

Part # PRCP-RX72
Description  Polymer Resettable Circuit Protectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PRCP-RX72 Datasheet(HTML) 3 Page - Copal Electronics

  PRCP-RX72 Datasheet HTML 1Page - Copal Electronics PRCP-RX72 Datasheet HTML 2Page - Copal Electronics PRCP-RX72 Datasheet HTML 3Page - Copal Electronics PRCP-RX72 Datasheet HTML 4Page - Copal Electronics PRCP-RX72 Datasheet HTML 5Page - Copal Electronics PRCP-RX72 Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Customers should verify actual device performance in their specific applications.
PRCP-RX/72 Series - Polymer Resettable Circuit Protectors
Typical Time to Trip at 23 °C
0.01
0.001
1
10
100
0.1
1
10
100
1000
Fault Current (Amps)
The Time to Trip curves represent typical performance of a device in a simulated application environment.
Actula performance in specific customer applications may differ from these values due to the influence of other variables.
Thermal Derating Chart - Ihold (Amps)
Ambient Operating Temperature
Model
-40 °C
-20 °C
0 °C
23 °C
40 °C
50 °C
60 °C
70 °C
85 °C
PRCP-RX020/72
0.31
0.27
0.24
0.20
0.16
0.14
0.13
0.11
0.08
PRCP-RX025/72
0.39
0.34
0.30
0.25
0.20
0.18
0.16
0.14
0.10
PRCP-RX030/72
0.47
0.41
0.36
0.30
0.24
0.22
0.19
0.16
0.12
PRCP-RX040/72
0.62
0.54
0.48
0.40
0.32
0.29
0.25
0.22
0.16
PRCP-RX050/72
0.78
0.68
0.60
0.50
0.41
0.36
0.32
0.27
0.20
PRCP-RX065/72
1.01
0.88
0.77
0.65
0.53
0.47
0.41
0.35
0.26
PRCP-RX075/72
1.16
1.02
0.89
0.75
0.61
0.54
0.47
0.41
0.30
PRCP-RX090/72
1.40
1.22
1.07
0.90
0.73
0.65
0.57
0.49
0.36
PRCP-RX110/72
1.71
1.50
1.31
1.10
0.89
0.79
0.69
0.59
0.44
PRCP-RX135/72
2.09
1.84
1.61
1.35
1.09
0.97
0.85
0.73
0.54
PRCP-RX160/72
2.48
2.18
1.90
1.60
1.30
1.15
1.01
0.86
0.64
PRCP-RX185/72
2.87
2.52
2.20
1.85
1.50
1.33
1.17
1.00
0.74
PRCP-RX250/72
3.88
3.40
2.98
2.50
2.03
1.80
1.58
1.35
1.00
PRCP-RX300/72
4.65
4.08
3.57
3.00
2.43
2.16
1.89
1.62
1.20
PRCP-RX375/72
5.81
5.10
4.46
3.75
3.04
2.70
2.36
2.03
1.50
100
10
1
0.1
0.01
0.001
0.1
1
10
100
Fault Current (Amps)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com