Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2150 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLC2150
Description  BLUETOOTH RADIO TRANSCEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2150 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLC2150 Datasheet HTML 2Page - STMicroelectronics STLC2150 Datasheet HTML 3Page - STMicroelectronics STLC2150 Datasheet HTML 4Page - STMicroelectronics STLC2150 Datasheet HTML 5Page - STMicroelectronics STLC2150 Datasheet HTML 6Page - STMicroelectronics STLC2150 Datasheet HTML 7Page - STMicroelectronics STLC2150 Datasheet HTML 8Page - STMicroelectronics STLC2150 Datasheet HTML 9Page - STMicroelectronics STLC2150 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
STLC2150
8/10
Crystal oscillator
An on-chip crystal oscillator provides a 13MHz master clock. The external crystal must be connected to the pads
XTAL13I and XTAL13O.
The frequency specification of ±20 ppm can be achieved by 2 different ways:
1.
by external components choice (default);
2.
by internal tuning (with internal capacitors as defined by the control word stored in the registers.
The control word allows modifying the value of the capacitor connected to the oscillator pads. The total capac-
itance (including the parasitic capacitors) must be about 16 pF.
The variable capacitor is implemented as a capacitor array of about 255 x 90 fF.
External crystal example
1) Temperaure range is defined by application needs.
Low power clock
The STLC2150 can provide 3.2 or 32 KHz, low power clock for baseband chip operation in Hold, Snif and Park
modes.
External reference frequency
The STLC2150 can take a digital clock from external source 13 MHz on the CLK13MHZ pin.
The IC also can use an analogue (sine wave, from 0.2 up to 1 Vpp) clock from external 13 MHz source on the
XTAL13I pin.
Registers description
To provide operational control, configuration flexibility (e.g. clock configuration, XTAL trimming) and to set max-
imum performance the STLC2150 has a bank of registers. Detailed description is available in “STLC2150: In-
terface and Programming Guide”.
Parameter
Value
Unit
tolerance
Comment
Frequency
13.000000
MHz
± 10 ppm
At 25 °C ± 3 °C
Mode
Fundamental
Drive level
100
µW± 20
Temp drift
±10
ppm
Referred to value at 25°C over temperature
range 1)
Aging
±1
Ppm/year
max
Cload
16.0
pF
± 1 %
Rseries
40
Ω
max
C0
1.7
pF
± 20 %
Shunt capacitance
C1
6.5
pF
± 24 %
Motional capacitance
Rins
500
M
Ω
min
Insulation resistance
Pull_sens
10
Ppm
± 20 %
(16 pF)
Activity Dips
± 0.5
Ppm / °C
max
Temperature range 1)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com