Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2150 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLC2150
Description  BLUETOOTH RADIO TRANSCEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2150 Datasheet(HTML) 5 Page - STMicroelectronics

  STLC2150 Datasheet HTML 1Page - STMicroelectronics STLC2150 Datasheet HTML 2Page - STMicroelectronics STLC2150 Datasheet HTML 3Page - STMicroelectronics STLC2150 Datasheet HTML 4Page - STMicroelectronics STLC2150 Datasheet HTML 5Page - STMicroelectronics STLC2150 Datasheet HTML 6Page - STMicroelectronics STLC2150 Datasheet HTML 7Page - STMicroelectronics STLC2150 Datasheet HTML 8Page - STMicroelectronics STLC2150 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
STLC2150
FUNCTIONAL DESCRIPTION
Receiver
The STLC2150 implements a low-IF receiver for Bluetooth® modulated input signals. The radio signal is taken
from 75
Ω balanced RF input and amplified by an LNA.
The mixers are driven by two quadrature signals which are locally generated from a VCO signal running at
twice the frequency. The output signals in the I signal path and Q signal path are bandpass filtered by a
polyphase bandpass filter for channel filtering and image rejection. The output of the lowpass filters is amplified
by a VGA to the optimal input range for the A/D converters.
Further filtering is done in digital filters. The digital part demodulates the GFSK coded bit stream by evaluating
the phase information in the I and Q signals.
The digital part recovers the receive bit clock. It extracts RSSI data by calculating the signal strength. Overall
automatic gain amplification in the receive path is controlled by the digital part.
Transmitter
The transmitter takes the serial input transmit data from the base-band. This data is GFSK modulated to I and
Q signals. The Tx bit clock is provided to the base-band for synchronization.
The output of the digital part is converted to analogue signals which are lowpass filtered before being sent to
direct up-conversion mixers.
The quadrature up-conversion mixers use the same LO as the receiver. 0dBm output power at the antenna port
is achieved with an internal PA, which has 75
Ω balanced RF output. Optional power control is available.
PLL
The on-chip VCO is part of a PLL, the frequency is programmed for the RF channels by the digital part. The tank
resonator circuitry for the VCO is completely integrated.
Process variations on the VCO center frequency are calibrated out automatically. Also the RC time constants
for the analogue lowpass filters are automatically calibrated on chip.
Base-band interface
Unidirectional BlueRF compatible interface is used to control all functions of radio transceiver.
The unidirectional RXMODE2 is supported. STLC2150 has also the capability to provide the recovered clock
and the aligned data to the base-band (Rxmode2+). 4 wires serial JTAG interface is used to access the internal
registers. Also JTAG is used to set channel number and read RSSI.
Crystal oscillator
The STLC2150 has a crystal oscillator to generate 13 MHz reference clock for internal use and for the base-
band chip.
Also a 3.2 or 32 kHz clock for low power modes operation can be provided.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com