Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC2150 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLC2150
Description  BLUETOOTH RADIO TRANSCEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2150 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLC2150 Datasheet HTML 2Page - STMicroelectronics STLC2150 Datasheet HTML 3Page - STMicroelectronics STLC2150 Datasheet HTML 4Page - STMicroelectronics STLC2150 Datasheet HTML 5Page - STMicroelectronics STLC2150 Datasheet HTML 6Page - STMicroelectronics STLC2150 Datasheet HTML 7Page - STMicroelectronics STLC2150 Datasheet HTML 8Page - STMicroelectronics STLC2150 Datasheet HTML 9Page - STMicroelectronics STLC2150 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
STLC2150
6/10
GENERAL SPECIFICATION
All the provided values are specified over the operational conditions (VDD and temperature) according to the
Bluetooth® v.1.2 specification.
Receiver
To comply with the Bluetooth® norm, an external RF filter is required to provide minimum 17dB of attenuation
in the bands: 30MHz - 2000MHz and 3000MHz - 12.75GHz. All specification below are measured at the antenna
port. The loss between IC inputs and the port is approximately 2dB
1) Sensitivity at chip pins is -79.5 dBm.
2) Guarantied over process variation and full temperature range -40 to +85°C.
3) Without any exception.
RSSI Extraction
The RSSI extraction block allows to determine the Received Signal Strength. The indicator output is an 8-bit
word, indicating the signal strength in dBm
The RSSI value is stored in the RSSI register. The value is latched when the base-band sends the access code
recognition signal (BPKTCTL) and is kept unchanged until the next RX active slot. The register can be read by
the base-band at any time
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
RFin
Input frequency range
2402
2480
MHz
RXsens
Receiver sensitivity
(including dirty signal test)
@BER 0.1%
-77.5 1)
-73.7 2)
dBm
RXmax
Max input signal level
@BER 0.1%
>16
dBm
Receiver interference Performance @BER 0.1% 3)
C/Ico-channel
Co-channel interference
@ Input signal strength = -60 dBm
10
11
dB
C/I1MHz
Adjacent (1MHz)
interference
@ Input signal strength = -60 dBm
-1
0
dB
C/I2MHz
Adjacent (2MHz)
interference
@ Input signal strength = -60 dBm
-36
-30
dB
C/I≥3MHz
Adjacent (
≥3MHz)
interference
@ Input signal strength = -67 dBm
-50
-42
dB
C/Iimage
Image interference
@ Input signal strength = -67 dBm
-25
-11
dB
C/Iimage±1MHz Adjacent (1MHz) to image
interference
@ Input signal strength = -67 dBm
-40
-28
dB
Receiver blocking @BER 0.1%
RXB_1
30 MHz – 2000 MHz
3000 MHz – 12.75 GHz
@ input signal strength = -67 dBm
-10
dBm
RXB_2
2000 MHz – 2400 MHz
2500 MHz – 3000 MHz
@ input signal strength = -67dBm
-27
dBm
Receiver intermodulation
RXIIP3
Input referred IP3
Interferers at –39 dBm,
intended channel at –64 dBm,
BER < 0.1%
-7.5
-11.5
dBm
Symbol
Parameter
Test condition / notes
Min
Typ
Max
Unit
RSSI_AC
RSSI accuracy
Signal power = -70 dBm
± 4
dB
RSSI_R
RSSI range
Range upwards from –70 dBm
20
40
dB
RSSI_RES
RSSI Resolution
0.37
dB/bit
RSSI_REF
RSSI reference point
signal power = -64 dBm
107



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com