Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD2210ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADPD2210ACPZ-R7
Description  Ultralow noise, low power current amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2210ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPD2210ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADPD2210ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADPD2210ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADPD2210ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADPD2210ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADPD2210ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADPD2210ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADPD2210ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADPD2210ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet
ADPD2210
Rev. A | Page 5 of 15
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
PWDN
Power-Down Input. Tie the PWDN pin to ground for normal operation. Connecting this input to a logic high
enables standby mode. Do not leave this input floating.
2
OUT
Current Output.
3
GND
Ground.
4
REF
Voltage Reference Output. REF is nominally 1.2 V below VCC. This pin is the matched voltage reference for the
current input and is typically tied to the cathode of a photodiode. Attachment to this terminal is not required.
5
IN
Current Input (Sink). The voltage of the IN pin is forced within 5 mV of the reference input.
6
VCC
Supply.
7
EPAD
Exposed Pad. Connect the EPAD to GND.
NOTE
1. CONNECT THE EPAD TO GND.
3
GND
1
PWDN
2
OUT
REF
VCC
IN
ADPD2210
EPAD(7)
4
6
5
CURRENT
AMPLIFIER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com