Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD2210ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPD2210ACPZ-R7
Description  Ultralow noise, low power current amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2210ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADPD2210ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADPD2210ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADPD2210ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADPD2210ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADPD2210ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADPD2210ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADPD2210ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADPD2210ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADPD2210ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Ultralow Noise, Low Power
Current Amplifier
Data Sheet
ADPD2210
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultralow noise, low power current amplifier
80 fA/√Hz (typical) noise floor
140 μA (typical) of supply current when active (EE = 0 μW/cm2)
100 nA (typical) of supply current in standby
Flexible output configuration
Optimized for pulsed systems
Nominal linear output: 240 μA
Space-saving 2 mm × 2 mm LFCSP package
APPLICATIONS
Photoplethysmography
Photodiode measurements
Small current pulsed amperometry
Any application requiring the ultralow noise amplification of
small currents
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADPD2210 is a low noise current amplifier designed to
allow the use of smaller photodiodes by amplifying sensor signal
currents by a factor of 24 while adding minimal noise. This
amplification provides the system sensitivity of a large photodiode
with the benefits of a smaller photodiode. A minimum linearity
of 60 dB allows accurate extraction of very small time variant
signals on top of large dc or low frequency offsets.
The ADPD2210 is optimized for pulse mode applications such
as wrist worn heart rate monitoring (HRM) or finger worn
pulse oximeter oxygen saturation (SpO2), where low power
consumption and rejection of ambient light is critical. In photodi-
ode applications, the ADPD2210 holds the sensor input to
within ±5 mV (typical) of the reference terminal, providing
near zero-bias voltage and allowing minimal dark current and
shot noise limited performance.
The ADPD2210 is designed for applications where power
conservation is critical. The ADPD2210 uses very little power,
typically 140 μA with no input to 954 μA at full scale. A power-
down pin places the ADPD2210 in standby when sensing is
inactive. This mode adds critical time for battery-powered
monitoring and can reduce battery costs in disposable applications
Using the ADPD2210 to provide sensor site amplification
reduces the effect of electromagnetic interference (EMI) in low
level wired interfaces, providing improved signal-to-noise ratio
(SNR) and rejection of interferer signals from nearby equipment.
The combination of low power, high SNR, and EMI immunity
enables low power system solutions not possible with traditional
small current sensors, such as photodiodes plus transimpedance
amplifiers (TIAs).
IN
PWDN
OUT
10nA
POWER-DOWN
LOGIC
BIAS
24 × CURRENT MIRROR
VCC – (2 × VBE)


Similar Part No. - ADPD2210ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPD2211 AD-ADPD2211 Datasheet
476Kb / 14P
Low Noise, High Sensitivity Optical Sensor
REV. 0
ADPD2211ACPZ-R7 AD-ADPD2211ACPZ-R7 Datasheet
476Kb / 14P
Low Noise, High Sensitivity Optical Sensor
REV. 0
ADPD2211ACPZ-RL AD-ADPD2211ACPZ-RL Datasheet
476Kb / 14P
Low Noise, High Sensitivity Optical Sensor
REV. 0
ADPD2212 AD-ADPD2212 Datasheet
487Kb / 14P
Low Noise, High Sensitivity Optical Sensor
REV. 0
ADPD2212ACPZ-R7 AD-ADPD2212ACPZ-R7 Datasheet
487Kb / 14P
Low Noise, High Sensitivity Optical Sensor
REV. 0
More results

Similar Description - ADPD2210ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA-62563 HP-MGA-62563 Datasheet
169Kb / 19P
Current-Adjustable, Low Noise Amplifier
logo
Analog Devices
ADA4075-2 AD-ADA4075-2 Datasheet
865Kb / 24P
Ultralow Noise Amplifier at Lower Power
REV. 0
ADA4075-2ACPZ AD-ADA4075-2ACPZ Datasheet
1Mb / 24P
Ultralow Noise Amplifier at Lower Power
REV. B
logo
AVAGO TECHNOLOGIES LIMI...
MGA-68563 AVAGO-MGA-68563 Datasheet
284Kb / 18P
Current-Adjustable, Low Noise Amplifier
logo
Texas Instruments
TPS790 TI-TPS790 Datasheet
463Kb / 20P
ULTRALOW-POWER LOW-NOISE 50-mA
TPS79015 TI1-TPS79015_08 Datasheet
485Kb / 20P
ULTRALOW-POWER LOW-NOISE 50-mA ULTRALOW-POWER LOW-NOISE 50-mA
logo
Analog Devices
ADA4075-2 AD-ADA4075-2_16 Datasheet
1Mb / 25P
Ultralow Noise Amplifier at Lower Power
Rev. C
logo
Broadcom Corporation.
MGA-685T6 BOARDCOM-MGA-685T6 Datasheet
790Kb / 19P
Current-Adjustable, Low Noise Amplifier
MGA-68563 BOARDCOM-MGA-68563 Datasheet
284Kb / 18P
Current-Adjustable, Low Noise Amplifier
DEMO-MGA-685T6 BOARDCOM-DEMO-MGA-685T6 Datasheet
790Kb / 19P
Current-Adjustable, Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com