Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD2210ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADPD2210ACPZ-R7
Description  Ultralow noise, low power current amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2210ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADPD2210ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADPD2210ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADPD2210ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADPD2210ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADPD2210ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADPD2210ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADPD2210ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADPD2210ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADPD2210ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADPD2210
Data Sheet
Rev. A | Page 8 of 15
Figure 15. Reference Voltage vs. Temperature
Figure 16. −3 dB Bandwidth vs. Input Current
Figure 17. Full-Scale Output Current vs. PWDN Input
Figure 18. Power-Down Recovery, 100 nA to 500 nA
Figure 19. Power-Down Recovery, 1 μA to 10 μA
Figure 20. Static Bias Current Referred to Output (RTO) vs. Temperature
TEMPERATURE (°C)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
–40
1020304050
–20
–30
–10
0
607080
VCC = 5.0V
VCC = 3.3V
VCC = 2.5V
VCC = 1.8V
60
70
90
110
130
80
100
120
140
0.1
1
10
INPUT CURRENT (µA)
–50
0
50
100
150
200
250
300
012
3
PWDN INPUT (V)
0
2
4
6
8
10
12
14
0
1020304050
TIME (µs)
500nA
100nA
200nA
300nA
400nA
150nA
1µA
–50
0
50
100
150
200
250
300
0
1020304050
TIME (µs)
10µA
8µA
6µA
4µA
2µA
50
100
150
200
250
300
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
VCC = 5V
VCC = 3.3V
VCC = 2.5V
VCC = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com