Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD2212ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADPD2212ACPZ-R7
Description  Low Noise, High Sensitivity Optical Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2212ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADPD2212ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADPD2212ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADPD2212ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADPD2212ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADPD2212ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADPD2212ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADPD2212ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADPD2212ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADPD2212ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet
ADPD2212
Rev. 0 | Page 3 of 13
SPECIFICATIONS
VCC = 3.3 V, TA = 25°C, λ = 528 nm, unless otherwise noted. IPD is the photodiode current, IMOD is the modulation current, EE is
irradiance, IOUT is output current, VBIAS is the bias voltage, RFEEDBACK is the TIA feedback resistor, and RLOAD is the load resistance.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
GAIN
Gain (Current Amplifier)
β
TLA
24
DYNAMIC PERFORMANCE
Frequency Response Peaking
<6
dB
Rise Time
t
R
10% to 90% full scale (FS) (I
OUT = 24 µA)
1.24
µs
Fall Time
t
F
90% to 10% FS (I
OUT =24 µA)
1.27
µs
Bandwidth
BW
I
PD = 10 nA, IMOD = 1 nA
400
kHz
OPTICAL PERFORMANCE
Diode Active Area
2.5
mm2
Saturation Irradiance
1600
µW/cm2
NOISE PERFORMANCE
Current Noise, Output Referred1
E
E = 0 µW/cm
2
1920
fA/√Hz
I
PD = 10 nA to 300 nA
1.4 × N
SHOT
fA/√Hz
I
PD > 300 nA
1.15 × N
SHOT
fA/√Hz
Current Noise Floor, Input Referred
E
E = 0 µW/cm
2, at 1 kHz
90
150
fA/√Hz
Noise Equivalent Power
NEP
At 1 kHz
100
fW/√Hz
E
E Required for SNR = 10000:1
At 1 kHz
144
nW/cm2
POWER AND SUPPLY
Supply Voltage
V
CC
1.8
3.3
5.0
V
Power Supply Rejection Ratio
PSRR
V
CC = 1.8 V to 5.0 V, EE = 1600 µW/cm
2
120
nA/V
Current
Standby
I
STANDBY
PWDN > V
IH
1
µA
Supply at E
E = 0 µW/cm
2
I
FLOOR
137
µA
Supply2
I
SUPPLY
I
OUT = 10 µA
166
µA
I
OUT = 240 µA
857
µA
OUTPUT CHARACTERISTICS
Amplifier Static Bias Current
Input Referred
E
E = 0 µW/cm
2
10
nA
Output Referred
E
E = 0 µW/cm
2
240
nA
Maximum Output Voltage
V
OUT_MAX
V
CC − 0.75
V
Nominal Linear Output Current
I
OUT_FS
240
µA
Linearity into TIA
V
BIAS = 1.3 V, RFEEDBACK = 25 kΩ
60
dB
Linearity into Resistive Load
I
OUT < 100 µA , RLOAD = 5 kΩ
60
dB
Peak Output Current3
300
µA
Output Capacitance
C
OUT
From OUT to GND
5
pF
Output Resistance
R
OUT
From OUT to GND
1000
POWER-DOWN LOGIC
Input Voltage
High Level
V
IH
V
CC − 0.2
V
Low Level
V
IL
0.2
V
Leakage Current
High
I
IH
PWDN = 3.3 V
0.2
nA
Low
I
IL
PWDN = 0 V
−8.5
µA
OPERATING AMBIENT TEMPERATURE RANGE
−40
+85
°C
1 N
SHOT refers to photon shot noise. Photon shot noise is the fundamental noise floor for all photodetectors in photoconductive mode.
2 I
SUPPLY = IFLOOR + (3 × IOUT).
3 Outputs greater than I
OUT_FS may have degraded performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com