Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD2212ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADPD2212ACPZ-R7
Description  Low Noise, High Sensitivity Optical Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2212ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADPD2212ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADPD2212ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADPD2212ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADPD2212ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADPD2212ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADPD2212ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADPD2212ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADPD2212ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADPD2212ACPZ-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Data Sheet
ADPD2212
Rev. 0 | Page 13 of 13
OUTLINE DIMENSIONS
Figure 18. 10-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 4 mm Body and 0.65 mm Package Height
(CP-10-33)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Ordering Quantity
ADPD2212ACPZ-R7
−40°C to +85°C
10-Lead Lead Frame Chip Scale Package [LFCSP]
CP-10-13
1500
ADPD2212ACPZ-RL
−40°C to +85°C
10-Lead Lead Frame Chip Scale Package [LFCSP]
CP-10-13
5000
EVALZ-ADPD2212
Evaluation Board
1 Z = RoHS Compliant Part.
TOP VIEW
10
1
6
5
0.30
0.25
0.20
BOTTOM VIEW
SEATING
PLANE
0.70
0.65
0.60
2.50
2.40
2.30
2.24
2.14
2.04
0.203 REF
0.20 MIN
0.050 MAX
0.035 NOM
0.50 BSC
EXPOSED
PAD
3.10
3.00
2.90
4.10
4.00
3.90
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
COPLANARITY
0.08
0.45
0.40
0.35
PIN 1 INDEX
AREA
©2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D13721-0-4/16(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com