Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD2212ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPD2212ACPZ-R7
Description  Low Noise, High Sensitivity Optical Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2212ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADPD2212ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADPD2212ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADPD2212ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADPD2212ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADPD2212ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADPD2212ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADPD2212ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADPD2212ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADPD2212ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Low Noise, High Sensitivity Optical Sensor
Data Sheet
ADPD2212
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultrahigh detectivity photodetector
90 fA/√Hz (typical) ultralow noise floor
Signal-to-noise ratio (SNR) near shot noise limit
137 µA (typical) of supply current when active
(E
E = 0 µW/cm
2)
1 µA (typical) of supply current in standby
High speed, deep junction photodiode
Nominal linear output current: 240 µA (typical)
Flexible output configuration
Excellent pulse response
High ambient light rejection
Space-saving, 3 mm × 4 mm LFCSP package
APPLICATIONS
Heart rate, pulse oximetry monitoring
(photoplethysmography)
Battery-powered medical sensors
Chemical analysis
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADPD2212 is an optical sensor optimized for biomedical
applications. Very low power consumption and near theoretical
signal-to-noise ratio (SNR) are achieved by packaging an ultralow
capacitance deep junction silicon photodiode operated in zero
bias photoconductive mode with a low noise current amplifier.
The ADPD2212 offers a typical 400 kHz bandwidth performance,
which is well suited for use with pulsed excitation. The ADPD2212
uses very little power during operation and incorporates a
power-down pin, enabling power cycling to optimize battery
life in portable applications. The ADPD2212 provides shot
noise limited performance, making it an excellent choice for
measuring signals with the highest possible fidelity in low light
conditions. This combination of low power, very high SNR, and
electromagnetic interference (EMI) immunity enables low power
system solutions not possible with traditional photodiode (PD)
and transimpedance amplifier (TIA) systems.
GND
PWDN
OUT
ADPD2212
VCC
CURRENT
AMPLIFIER
+


Similar Part No. - ADPD2212ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPD2210 AD-ADPD2210 Datasheet
448Kb / 16P
Ultralow noise, low power current amplifier
REV. A
ADPD2210ACPZ-R7 AD-ADPD2210ACPZ-R7 Datasheet
448Kb / 16P
Ultralow noise, low power current amplifier
REV. A
ADPD2210ACPZ-RL AD-ADPD2210ACPZ-RL Datasheet
448Kb / 16P
Ultralow noise, low power current amplifier
REV. A
ADPD2211 AD-ADPD2211 Datasheet
476Kb / 14P
Low Noise, High Sensitivity Optical Sensor
REV. 0
ADPD2211ACPZ-R7 AD-ADPD2211ACPZ-R7 Datasheet
476Kb / 14P
Low Noise, High Sensitivity Optical Sensor
REV. 0
More results

Similar Description - ADPD2212ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2U06 SHARP-GP2U06 Datasheet
18Kb / 2P
High Sensitivity Dust Sensor
logo
Hamamatsu Corporation
R7518 HAMAMATSU-R7518 Datasheet
196Kb / 4P
PHOTOMULTIPLIER TUBES High Sensitivity with Low Noise Photocathode
logo
Roithner LaserTechnik G...
OP-2 ROITHNER-OP-2 Datasheet
147Kb / 2P
High-Sensitivity Optical Power Sensors
logo
Analog Devices
ADPD2211 AD-ADPD2211 Datasheet
476Kb / 14P
Low Noise, High Sensitivity Optical Sensor
REV. 0
ADPD2214 AD-ADPD2214 Datasheet
477Kb / 14P
Low Noise, High Sensitivity Optical Sensor
REV. 0
logo
TAITIEN ELECTRONICS CO....
XO-0171-VLEU TAITIEN-XO-0171-VLEU Datasheet
285Kb / 3P
High Frequency Very Low Noise/Low g-Sensitivity VCXO
NA-100M-6800 TAITIEN-NA-100M-6800 Datasheet
466Kb / 4P
100MHz Low Noise/Low G-Sensitivity OCXO
logo
MultiDimension Technolo...
TMR9001 MULTIDIMENSION-TMR9001 Datasheet
645Kb / 5P
Ultra High Sensitivity,Ultra Low Noise TMR linear sensor
V1.0a
TMR9002 MULTIDIMENSION-TMR9002 Datasheet
720Kb / 5P
Ultra High Sensitivity,Ultra Low Noise TMR linear sensor
V1.0a
TMR9082 MULTIDIMENSION-TMR9082 Datasheet
748Kb / 7P
High sensitivity, Low Noise TMR Magnetic Linear Sensor
Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com