Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3918 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP3918
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP3918 Datasheet HTML 35Page - Microchip Technology MCP3918 Datasheet HTML 36Page - Microchip Technology MCP3918 Datasheet HTML 37Page - Microchip Technology MCP3918 Datasheet HTML 38Page - Microchip Technology MCP3918 Datasheet HTML 39Page - Microchip Technology MCP3918 Datasheet HTML 40Page - Microchip Technology MCP3918 Datasheet HTML 41Page - Microchip Technology MCP3918 Datasheet HTML 42Page - Microchip Technology MCP3918 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005287A-page 39
MCP3918
5.8
Hard Reset Effect on Delta-Sigma
Modulator/Sinc Filter
In SPI mode, when the RESET pin is logic low, the ADC
will be in Reset and the output code is 0x0000h. The
RESET pin performs a hard reset (DC biases are still
on, part is ready to convert) and clears all charges
contained
in
the
delta-sigma
modulator.
The
comparator’s output is ‘0011’ for the ADC.
The sinc filter is reset, as well as its double output
buffers. This pin is independent of the serial interface.
It brings all the registers to the default state. When
RESET is logic low, any write with the SPI interface will
be disabled and will have no effect. All output pins
(SDO, DR) are high-impedance.
If MCLK is applied, the input structure is enabled and is
properly biasing the substrate of the input transistors.
In this case, the leakage current on the analog inputs is
low if the analog input voltages are kept between -1V
and +1V.
If MCLK is not applied when in Reset mode, the
leakage can be high if the analog inputs are
below -0.6V, as referred to AGND.
5.9
Phase Delay Block
The MCP3918 incorporates a phase delay generator
which ensures the ADC (CH0) converts the inputs after
a fixed delay, as determined by the PHASE register
setting.
The PHASE register contains a 12-bit bank that
represents group delay of the ADC channel (in addition
to the settling time of the sinc filter) expressed in
DMCLK periods with an offset of OSR/2 periods. It is
coded with a 11-bit plus sign, MSB-first two's
complement code. This code indicates how many
DMCLK periods are induced as a delay (see
Equation 5-5).
EQUATION 5-5:
The timing resolution of the phase delay is 1/DMCLK or
1 µs in the default configuration with MCLK = 4 MHz.
Given the definition of DMCLK, the phase delay is
affected by a change in the prescaler settings
(PRE<1:0>) and the MCLK frequency. The Data Ready
signal is affected by the phase delay settings.
5.9.1
PHASE DELAY LIMITS
The limits of the phase delays are determined by the
OSR settings: the phase delays can only go from 0 to
+(OSR-1) DMCLK periods when taking the last reset as
a reference (same definition as MCP391X but not
showing an odd channel reference here since there is
only one channel).
If larger delays are needed, they can be implemented
externally to the chip with an MCU. A FIFO in the MCU
can save incoming data from the ADC channel for a
number N of DRCLK clocks. In this case, DRCLK
would represent the coarse timing resolution, and
DMCLK the fine timing resolution. The total delay will
then be equal to:
EQUATION 5-6:
The Phase delay register can be programmed once
with the OSR = 4096 setting, and will automatically
adjust the OSR afterwards, without the need to change
the value of the PHASE register.
• OSR = 4096: The delay can go from 0 to +4095.
PHASE<11> is the sign bit. Phase<10> is the
MSB and PHASE<0> the LSB.
• OSR = 2048: The delay can go from 0 to +2047.
PHASE<10> is the sign bit. Phase<9> is the MSB
and PHASE<0> the LSB.
• OSR = 1024: The delay can go from 0 to +1023.
PHASE<9> is the sign bit. Phase<8> is the MSB
and PHASE<0> the LSB.
• OSR = 512: The delay can go from 0 to +511
PHASE<8> is the sign bit. Phase<7> is the MSB
and PHASE<0> the LSB.
• OSR = 256: The delay can go from 0 to +255.
PHASE<7> is the sign bit. Phase<6> is the MSB
and PHASE<0> the LSB.
• OSR = 128: The delay can go from 0 to +127.
PHASE<6> is the sign bit. Phase<5> is the MSB
and PHASE<0> the LSB.
• OSR = 64: The delay can go from 0 to +63.
PHASE<5> is the sign bit. Phase<4> is the MSB
and PHASE<0> the LSB.
• OSR = 32: The delay can go from 0 to +31.
PHASE<4> is the sign bit. Phase<3> is the MSB
and PHASE<0> the LSB.
Total Delay
PHASE<11:0> Decimal Code
OSR
2
-----------
+
DMCLK
--------------------------------------------------------------------------------------------
=
Note:
Rewriting the PHASE register with the
same value automatically resets and
restarts the ADC.
Total Delay = N/DRCLK + OSR/2/DMCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com