Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3918 Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP3918
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918 Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP3918 Datasheet HTML 45Page - Microchip Technology MCP3918 Datasheet HTML 46Page - Microchip Technology MCP3918 Datasheet HTML 47Page - Microchip Technology MCP3918 Datasheet HTML 48Page - Microchip Technology MCP3918 Datasheet HTML 49Page - Microchip Technology MCP3918 Datasheet HTML 50Page - Microchip Technology MCP3918 Datasheet HTML 51Page - Microchip Technology MCP3918 Datasheet HTML 52Page - Microchip Technology MCP3918 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005287A-page 49
MCP3918
6.5.2
CONTINUOUS WRITE
The STATUSCOM register contains the write loop
settings for the internal register address pointer
(WRITE). For the Continuous Write modes, the
address selection can take the two following values:
SDO is always in a high-impedance state during a
continuous write
communication. Writing
to a
non-writable address (such as addresses 0x00 to 0x07
or any of the unused register’s addresses) has no
effect and does not increment the address pointer. In
this case, the user needs to stop the communication
and restart a communication with a Control byte
pointing to a writable address (0x08 to 0x1F).
6.6
Situations that Reset and Restart
Active ADC
Immediately after the following actions, the active ADC
(the ones not in Soft Reset or Shutdown modes) is
reset and automatically restarted in order to provide
proper operation:
1.
Change in PHASE register
2.
Overwrite of the same PHASE register value
3.
Change in the OSR<2:0> settings
4.
Change in the PRE<1:0> settings
5.
Change in the CLKEXT setting
6.
Change in the VREFEXT setting
After these temporary resets, the ADC goes back to
normal operation, with no need for an additional
command. Each ADC data output register is cleared
during this process. The PHASE register can be used
to serially soft reset the ADC, without using the RESET
bit in the CONFIG1 register, if the same value is written
in the PHASE register.
6.7
Data Ready Pin (DR)
To communicate when channel data is ready for
transmission, the Data Ready signal is available on the
Data Ready (DR) pin at the end of a conversion. The
DR pin outputs an active-low pulse with a pulse width
equal to half a DMCLK clock period. After a Data Ready
pulse falling edge has occurred, the ADC output data is
updated within the tDODR timing and can then be read
through SPI communication.
The first Data Ready pulse after a Hard or a Soft Reset
is located after the settling time of the sinc filter (see
Table 5-4) plus the phase delay of the corresponding
channel (see Section 5.11 “Crystal Oscillator”).
Each subsequent pulse is then periodic, and the period
is equal to a DRCLK clock period (see Equation 4-3
and Figure 1-3). The Data Ready pulse is always
synchronous with the internal DRCLK clock.
The DR pin can be used as an interrupt pin when
connected to an MCU or DSP, which will synchronize
the readings of the ADC data outputs. When not
active-low, this pin can be either in high-impedance
(when DR_HIZ = 0) or in a defined logic high state
(when DR_HIZ = 1). This is controlled through the
STATUSCOM register. This allows multiple devices to
share the same DR pin (with a pull-up resistor
connected between DR and DVDD). If only the
MCP3918 device is connected on the interrupt bus, the
DR pin does not require a pull-up resistor, and
therefore it is recommended to use the DR_HIZ = 1
configuration for such applications.
The CS pin has no effect over the DR pin, which means
that, even if the CS pin is logic high, the Data Ready
pulses coming from the active ADC channels will still
be provided; the DR pin behavior is independent from
the SPI interface. While the RESET pin is logic low, the
DR pin is not active. The DR pin is latched in the logic
low state when the interrupt flag on the CRCREG is
present to signal that the desired register configuration
has been corrupted (see Section 6.11 “Detecting
Configuration Change through CRC-16 Checksum
on Register Map and its Associated Interrupt
Flag”
).
TABLE 6-2:
ADDRESS SELECTION IN
CONTINUOUS WRITE
WRITE
Register Address Set Grouping for
Continuous Write Communications
0
Static (No incrementation)
1
Types (Default)
Note:
When LOCK<7:0> is different from 0xA5,
all the addresses, except for 0x1F,
become non-writable (see Section 6.10
“Locking/Unlocking
Register
Map
Write Access”
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com