Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3918 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3918
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918 Datasheet(HTML) 1 Page - Microchip Technology

  MCP3918 Datasheet HTML 1Page - Microchip Technology MCP3918 Datasheet HTML 2Page - Microchip Technology MCP3918 Datasheet HTML 3Page - Microchip Technology MCP3918 Datasheet HTML 4Page - Microchip Technology MCP3918 Datasheet HTML 5Page - Microchip Technology MCP3918 Datasheet HTML 6Page - Microchip Technology MCP3918 Datasheet HTML 7Page - Microchip Technology MCP3918 Datasheet HTML 8Page - Microchip Technology MCP3918 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005287A-page 1
MCP3918
Features:
• One 24-bit Resolution Delta-Sigma A/D Converter
• 93.5 dB SINAD, -107 dBc Total Harmonic
Distortion (THD) (up to 35th harmonic), 112 dB
Spurious-Free Dynamic Range (SFDR)
• Flexible Serial Interface that Includes Both SPI
and a Simple 2-Wire Interface Ideal for Polyphase
Shunt Energy Meters
• Advanced Security Features:
- 16-bit Cyclic Redundancy Check (CRC)
Checksum on All Communications for Secure
Data Transfers
- 16-bit CRC Checksum and Interrupt Alert for
Register-Map Configuration
- Register-Map Lock with 8-bit Secure Key
• 2.7V – 3.6V AVDD, DVDD
• Programmable Data Rate, up to 125 ksps:
- 4 MHz Maximum Sampling Frequency
- 16 MHz Maximum Master Clock
• Oversampling Ratio, up to 4096
• Ultra Low-Power Shutdown Mode with < 10 µA
• Low-Drift 1.2V Internal Voltage Reference:
9 ppm/°C
• Differential Voltage Reference Input Pins
• High-Gain Programmable Gain Amplifier (PGA)
(up to 32 V/V)
• Phase Delay Compensation with 1 µs Time
Resolution
• Separate Data Ready Pin for Easy
Synchronization
• Individual 24-bit Digital Offset and Gain Error
Correction
• High-Speed 20 MHz SPI Interface with Mode 0,0
and 1,1 Compatibility
• Continuous Read/Write Modes for Minimum
Communication with Dedicated 16-/32-bit Modes
• Available in 20-lead QFN and SSOP Packages
• Extended Temperature Range: -40°C to +125°C
(all specifications are valid down to -45°C)
Description:
The MCP3918 is a 3V single-channel Analog Front End
(AFE), containing one delta-sigma, Analog-to-Digital
Converter (ADC), one programmable gain amplifier
(PGA), phase delay compensation block, low-drift
internal voltage reference, digital offset and gain errors
calibration
registers,
and
high-speed
20 MHz
SPI-compatible serial interface.
The MCP3918 ADC is fully configurable with features
such as: 16-/24-bit resolution, Oversampling Ratio
(OSR) from 32 to 4096, gain from 1x to 32x,
independent Shutdown and Reset, dithering and
auto-zeroing. Communication is largely simplified with
8-bit
commands,
including
various
continuous
read/write modes and 16-/24-/32-bit data formats that
can be accessed by the Direct Memory Access (DMA)
of an 8-/16-/32-bit MCU, and with the separate Data
Ready pin that can be directly connected to an Interrupt
Request (IRQ) input of an MCU.
The MCP3918 includes advanced security features to
secure the communications and the configuration
settings, such as a CRC-16 checksum on both serial
data
outputs and on
the
register-map
static
configuration. It also includes a register-map lock
through an 8-bit password to avoid the processing of
any unwanted write commands.
For polyphase shunt-based energy meters, the
MCP3918 2-Wire serial interface greatly reduces
system cost, requiring only a single bidirectional
isolator per phase.
The MCP3918 is capable of interfacing a variety of
voltage and current sensors, including shunts, current
transformers, Rogowski coils and Hall effect sensors.
Applications:
• Single-Phase and Polyphase Energy Meters
• Energy Metering and Power Measurement
• Automotive
• Portable Instrumentation
• Medical and Power Monitoring
• Audio/Voice Recognition
• Isolator Sensor Application
3V Single-Channel Analog Front End


Similar Part No. - MCP3918

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3910 MICROCHIP-MCP3910 Datasheet
5Mb / 86P
3V Two-Channel Analog Front End
03/25/14
MCP3910 MICROCHIP-MCP3910 Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
MCP3910A1 MICROCHIP-MCP3910A1 Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
MCP3910A1-E/ML MICROCHIP-MCP3910A1-E/ML Datasheet
5Mb / 86P
3V Two-Channel Analog Front End
03/25/14
MCP3910A1-E/ML MICROCHIP-MCP3910A1-E/ML Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
More results

Similar Description - MCP3918

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
Two Channel Analog Front End
2009
MCP3901 MICROCHIP-MCP3901_10 Datasheet
1Mb / 60P
Two-Channel Analog Front End
2010
MCP3913 MICROCHIP-MCP3913 Datasheet
2Mb / 82P
3V Six-Channel Analog Front End
08/20/13
MCP3912 MICROCHIP-MCP3912 Datasheet
5Mb / 82P
3V Four-Channel Analog Front End
03/25/14
MCP3910 MICROCHIP-MCP3910 Datasheet
5Mb / 86P
3V Two-Channel Analog Front End
03/25/14
MCP3919 MICROCHIP-MCP3919 Datasheet
5Mb / 88P
3V Three-Channel Analog Front End
03/25/14
MCP3914 MICROCHIP-MCP3914 Datasheet
2Mb / 80P
3V Eight-Channel Analog Front End
11/29/12
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
logo
Microchip Technology
MCP3910 MICROCHIP-MCP3910_V01 Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com