Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C202 Datasheet(PDF) 3 Page - SMSC Corporation

Part # USB97C202
Description  ATA/ATAPI CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C202 Datasheet(HTML) 3 Page - SMSC Corporation

  USB97C202 Datasheet HTML 1Page - SMSC Corporation USB97C202 Datasheet HTML 2Page - SMSC Corporation USB97C202 Datasheet HTML 3Page - SMSC Corporation USB97C202 Datasheet HTML 4Page - SMSC Corporation USB97C202 Datasheet HTML 5Page - SMSC Corporation USB97C202 Datasheet HTML 6Page - SMSC Corporation USB97C202 Datasheet HTML 7Page - SMSC Corporation USB97C202 Datasheet HTML 8Page - SMSC Corporation USB97C202 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
USB 2.0 ATA/ATAPI Controller
Datasheet
SMSC USB97C202
Page 3
Revision 1.2 (02-04-04)
DATASHEET
TABLE OF CONTENTS
CHAPTER 1
GENERAL DESCRIPTION................................................................................................................4
CHAPTER 2
PIN TABLE........................................................................................................................................5
CHAPTER 3
PIN CONFIGURATION .....................................................................................................................6
CHAPTER 4
BLOCK DIAGRAM............................................................................................................................7
CHAPTER 5
PIN DESCRIPTIONS.........................................................................................................................8
5.1
Buffer Type Descriptions................................................................................................................ 11
CHAPTER 6
TYPICAL APPLICATION ................................................................................................................12
CHAPTER 7
DC PARAMETERS .........................................................................................................................13
7.1
Maximum Guaranteed Ratings ......................................................................................................13
7.1.1
Capacitance TA = 25°C; FC = 1MHz; VDD = 2.5V......................................................................15
CHAPTER 8
AC SPECIFICATIONS ....................................................................................................................16
8.1
ATA/ATAPI..................................................................................................................................... 16
8.2
USB2.0 Timing ............................................................................................................................... 16
CHAPTER 9
PACKAGE OUTLINE ......................................................................................................................17
LIST OF FIGURES
Figure 3.1 – 100 PIN STQFP .........................................................................................................................................6
Figure 9.1 - 100 Pin STQFP Package Outline, 12x12x1.4 Body, 2MM Footprint (Rev A)............................................17
LIST OF TABLES
Table 5.1 – USB97C202 Pin Descriptions......................................................................................................................8
Table 5.2 - USB97C202 Buffer Type Descriptions .......................................................................................................11
Table 7.1 - DC Electrical Characteristics .......................................................................................................................13
Table 9.1 – 100 Pin STQFP Package Parameters (Rev A)..........................................................................................17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com