Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C202 Datasheet(PDF) 8 Page - SMSC Corporation

Part # USB97C202
Description  ATA/ATAPI CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C202 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button USB97C202 Datasheet HTML 4Page - SMSC Corporation USB97C202 Datasheet HTML 5Page - SMSC Corporation USB97C202 Datasheet HTML 6Page - SMSC Corporation USB97C202 Datasheet HTML 7Page - SMSC Corporation USB97C202 Datasheet HTML 8Page - SMSC Corporation USB97C202 Datasheet HTML 9Page - SMSC Corporation USB97C202 Datasheet HTML 10Page - SMSC Corporation USB97C202 Datasheet HTML 11Page - SMSC Corporation USB97C202 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
USB 2.0 ATA/ATAPI Controller
Datasheet
SMSC USB97C202
Page 8
Revision 1.2 (02-04-04)
DATASHEET
Chapter 5 Pin Descriptions
Table 5.1 – USB97C202 Pin Descriptions
DISK DRIVE INTERFACE
IDE DMA
Request
IDE_DRQ
IS
This pin is the active high DMA request from
the ATA/ATAPI interface.
IDE IO Read
Strobe
IDE_nIOR
O20
This pin is the active low read signal for the
interface.
IDE Register
Address 1
IDE_SA1
O20
This pin is the register select address bit 1
signal for the ATA/ATAPI interface.
IDE Register
Address 0
IDE_SA0
O20
This pin is the register select address bit 0
signal for the ATA/ATAPI interface.
IDE Register
Address 2
IDE_SA2
O20
This pin is the register select address bit 2
signal for the ATA/ATAPI interface.
IDE Data
IDE_D15
IO20
This pin is the bi-directional data bus bit 15
signal for the ATA/ATAPI interface.
IDE IO Write
Strobe
IDE_nIOW
O20
This pin is active low write signal for the
ATA/ATAPI interface.
IDE DMA
Acknowledge
IDE_nDACK
O20
This pin is the active low DMA acknowledge
signal for the ATA/ATAPI interface.
IDE Interrupt
Request
IDE_IRQ
IS
This pin is the active high interrupt request
signal for the ATA/ATAPI interface.
IDE Data
IDE_D13
IO20
This pin is the bi-directional data bus bit 13
signal for the ATA/ATAPI interface.
IDE Data
IDE_D14
IO20
This pin is the bi-directional data bus bit 14
signal for the ATA/ATAPI interface.
.
IDE Chip
Select 0
IDE_nCS0
O20
This pin is the active low chip select 0 signal for
the ATA/ATAPI interface.
IDE Chip
Select 1 0
IDE_nCS1
O20
This pin is the active low select 1 signal for the
ATA/ATAPI interface.
IDE Data
IDE_D[0:12]
IO20
These pins are bits 0-12 of the ATA/ATAPI bi-
directional data bus.
IO Ready
IORDY
I
This pin is the active high IORDY signal from
the IDE drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com