Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB97C202 Datasheet(PDF) 4 Page - SMSC Corporation

Part # USB97C202
Description  ATA/ATAPI CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C202 Datasheet(HTML) 4 Page - SMSC Corporation

  USB97C202 Datasheet HTML 1Page - SMSC Corporation USB97C202 Datasheet HTML 2Page - SMSC Corporation USB97C202 Datasheet HTML 3Page - SMSC Corporation USB97C202 Datasheet HTML 4Page - SMSC Corporation USB97C202 Datasheet HTML 5Page - SMSC Corporation USB97C202 Datasheet HTML 6Page - SMSC Corporation USB97C202 Datasheet HTML 7Page - SMSC Corporation USB97C202 Datasheet HTML 8Page - SMSC Corporation USB97C202 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
USB 2.0 ATA/ATAPI Controller
Datasheet
SMSC USB97C202
Page 4
Revision 1.2 (02-04-04)
DATASHEET
Chapter 1 General Description
The USB97C202 is a USB2.0 Mass Storage Class Peripheral Controller intended for use with standard
ATA-5 and -6 hard drives and standard ATAPI-5 devices.
The device consists of a USB 2.0 PHY and SIE, buffers, Fast 8051 microprocessor with expanded
scratchpad and 768 of program SRAM, internal 48 KB program ROM, and an ATA-66 compatible
interface.
Provisions for optional external Flash Memory up to 64K bytes for program storage is provided. A serial
EEPROM which can be modified via USB from the host provides unique VID/PID/Serial numbers, as well
as optional configuration information.
Internal 768 Bytes of scratchpad SRAM are also provided.. This internal SRAM can also be used for
program storage to implement program upgrade via USB download to external “boot block” Flash program
memory, if desired.
Seven GPIO pins are provided for controlling external power control elements and sensing specialized
drive functions. Provisions are made to allow dynamic attach and re-attach to the USB bus to allow hot
swap of drives to be implemented.
USB97C202
Serial EEPROM
(VID/PID/options)
USB2.0
BUS
ATA-66
ATA-6 HDD or
ATAPI-5 Optical drive
HS Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com