Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM196 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM196
Description  LM196/LM396 10 Amp Adjustable Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM196 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM196 Datasheet HTML 1Page - National Semiconductor (TI) LM196 Datasheet HTML 2Page - National Semiconductor (TI) LM196 Datasheet HTML 3Page - National Semiconductor (TI) LM196 Datasheet HTML 4Page - National Semiconductor (TI) LM196 Datasheet HTML 5Page - National Semiconductor (TI) LM196 Datasheet HTML 6Page - National Semiconductor (TI) LM196 Datasheet HTML 7Page - National Semiconductor (TI) LM196 Datasheet HTML 8Page - National Semiconductor (TI) LM196 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Electrical Characteristics (Note 1) (Continued)
Parameter
Conditions
LM196
LM396
Units
Min
Typ
Max
Min
Typ
Max
Power Dissipation (PMAX)
70V s VIN b VOUT s 12V
70
100
70
100
W
(Note 11)
VIN b VOUT e 15V
50
50
W
VIN b VOUT e 18V
36
36
W
Drop-Out Voltage
IOUT e 10A
21
25
21
25
V
LM196LM396
Full Temperature Range
275
275
Note 1
Unless otherwise stated these specifications apply for Tj e 25 C VIN b VOUT e 5V IOUT e 10 mA to 10A
Note 2
This is a worst-case specification which includes all effects due to input voltage output current temperature and power dissipation Maximum power
(PMAX) is specified under Electrical Characteristics
Note 3
Line regulation is measured on a short-pulse low-duty-cycle basis to maintain constant junction temperature Changes in output voltage due to thermal
gradients or temperature changes must be taken into account separately See discussion of Line Regulation under Application Hints
Note 4
Load regulation on the 2-pin package is determined primarily by the voltage drop along the output pin Specifications apply for an external Kelvin sense
connnection at a point on the output pin
from the bottom of the package Testing is done on a short-pulse-width low-duty-cycle basis to maintain constant
junction temperature Changes in output voltage due to thermal gradients or temperature changes must be taken into account separately See discussion of Load
Regulation under Application Hints
Note 5
Ripple rejection is measured with the adjustment pin bypassed with 25 mF capacitor and is therefore independent of output voltage With no load or
bypass capacitor ripple rejection is determined by line regulation and may be calculated from RR e 20 log10 100(K c VOUT) where K is line regulation
expressed in %V At frequencies below 100 Hz ripple rejection may be limited by thermal effects if load current is above 1A
Note 6
Thermal regulation is defined as the change in output voltage during the time period of 02 ms to 20 ms after a change in power dissipation in the regulator
due to either a change in input voltage or output current See graphs and discussion of thermal effects under Application Hints
Note 7
Adjustment pin current change is specified for the worst-case combination of input voltage output current and power dissipation Changes due to
temperature must be taken into account separately See graph of adjustment pin current vs temperature
Note 8
Current limit is measured 10 ms after a short is applied to the output DC measurements may differ slightly due to the rapidly changing junction temperature
tending to drop slightly as temperature increases A minimum available load current of 10A is guaranteed over the full temperature range as long as power
dissipation does not exceed 70W and VIN b VOUT is less than 70V
Note 9
Minimum load current of 10 mA is normally satisfied by the resistor divider which sets up output voltage
Note 10
Total thermal resistance junction-to-ambient will include junction-to-case thermal resistance plus interface resistance and heat sink resistance See
discussion of Heat Sinking under Application Hints
Note 11
Although power dissipation is internally limited electrical specifications apply only for power dissipation up to the limits shown Derating with temperature
is a function of both power transistor temperature and control area temperature which are specified differently See discussion of Heat Sinking under Application
Hints For VIN b VOUT less than 7V power dissipation is limited by current limit of 10A
Note 12
Dropout voltage is input-output voltage differential measured at a forced reference voltage of 115V with a 10A load and is a measurement of the
minimum inputoutput differential at full load
Application Hints
Further improvements in efficiency can be obtained by using
Schottky diodes or high efficiency diodes with lower forward
voltage combined with larger filter capacitors to reduce rip-
ple However this reduces the voltage difference between
input and drive pins and may not allow sufficient voltage to
fully saturate the pass transistor Special transformers are
available from Signal Transformer that have a 1V tap on the
output winding to provide the extra voltage for the drive pin
The transformers are available as standard items for 5V ap-
plications at 5A 10A and 20A Other voltages are available
on special request
Heat Sinking
Because of its extremely high power dissipation capability
the
major limitation in the load driving capability of the
LM196 is
heat sinking Previous regulators such as LM109
LM340 LM117 etc
had internal power limiting circuitry
which limited power dissipation to about 30W The LM196
is guaranteed to dissipate up to 70W continuously as long
as the maximum junction temperature limit is not exceeded
This requires careful attention to all sources of thermal re-
sistance from junction-to-ambient
including junction-to-
case resistance
case-to-heat sink interface resistance
(01 – 10 CW) and heat sink resistance itself A good ther-
mal joint compound such as Wakefield type 120 or Thermal-
loy Thermocote must be used when mounting the LM196
especially if an electrical insulator is used to isolate the reg-
ulator from the heat sink Interface resistance without this
compound will be no better than 05 CW and probably
much worse With the compound and no insulator interface
resistance will be 02 CW or less assuming 0005 or less
combined flatness run-out of TO-3 and heat sink Proper
torquing of the mounting bolts is important to achieve mini-
mum thermal resistance Four to six inch pounds is recom-
mended Keep in mind that good electrical as well as ther-
mal contact must be made to the case
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com