Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM196 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM196
Description  LM196/LM396 10 Amp Adjustable Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM196 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM196 Datasheet HTML 6Page - National Semiconductor (TI) LM196 Datasheet HTML 7Page - National Semiconductor (TI) LM196 Datasheet HTML 8Page - National Semiconductor (TI) LM196 Datasheet HTML 9Page - National Semiconductor (TI) LM196 Datasheet HTML 10Page - National Semiconductor (TI) LM196 Datasheet HTML 11Page - National Semiconductor (TI) LM196 Datasheet HTML 12Page - National Semiconductor (TI) LM196 Datasheet HTML 13Page - National Semiconductor (TI) LM196 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Typical Applications (Continued)
TLH9059 – 12
FIGURE 5a Paralleling Regulators
TLH9059 – 13
2 feet of
18 CU wire
Total voltage drop across output wire and connector should not exceed 03V
FIGURE 5b
TLH9059 – 14
Output will be within g20 mV at 25 C no load Regulation of tracking units is improved by VOUT 125 compared to a normal connection
Regulation of master unit is unchanged Load or input voltage changes on slave units do not affect other units but all units will be affected
by changes on master A short on any output will cause all other outputs to drop to approximately 2V
FIGURE 6 Tracking Regulators
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com