Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM196 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM196
Description  LM196/LM396 10 Amp Adjustable Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM196 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM196 Datasheet HTML 5Page - National Semiconductor (TI) LM196 Datasheet HTML 6Page - National Semiconductor (TI) LM196 Datasheet HTML 7Page - National Semiconductor (TI) LM196 Datasheet HTML 8Page - National Semiconductor (TI) LM196 Datasheet HTML 9Page - National Semiconductor (TI) LM196 Datasheet HTML 10Page - National Semiconductor (TI) LM196 Datasheet HTML 11Page - National Semiconductor (TI) LM196 Datasheet HTML 12Page - National Semiconductor (TI) LM196 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Typical Performance Characteristics (Continued)
Load Transient Response
TLH9059 – 9
With no adjustment pin bypass For output volt-
ages other than 5V multiply vertical scale by
VOUT 5
Typical Applications (Continued)
TLH9059 – 10
Regulation can be improved by adding an LM336 reference diode to increase the effective reference
voltage to 375V Load and line regulation are improved by 31 including thermal effects
FIGURE 3 Improving Regulation
TLH9059 – 11
R3 is selected to supply partial load current Therefore a minimum load
must always be maintained to prevent the regulated output from rising un-
controlled R3 must be greater than (VMAX b VOUT)IMIN where VMAX is
worst-case high input voltage and IMIN is the minimum load current R3
must be rated for at least (VIN b VOUT)2 R3 watts Regulator power dissipa-
tion will be reduced by a factor of 2–3 in a typical situation where minimum
load current is 12 full load current Regulator dissipation will peak at
VIN e
(R3)(IOUT)
2
a
VOUT
and will be equal to
PMAX e
(R3)(IOUT)2
4
Assuming (R3)(IOUT) s VMAX b VOUT
A few words of caution (1) R3 power rating must be increased to (VMAX)2
R3 if continuous output shorts are possible (2) Under normal load condi-
tions system power dissipation is not changed but under short circuit condi-
tions
system power dissipation increases by (VIN)2 R3 watts over the al-
ready high power of a shorted regulator The LM196 will not be harmed and
neither will R3 if it is rated properly but the raw supply components must be
able to withstand the overload also Thermal shutdown of the LM196 will
probably occur for sustained shorts somewhat alleviating the problem
FIGURE 4 Reducing Regulator Power Dissipation
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com