Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2000D4DAP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D4DAP
Description  STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D4DAP Datasheet(HTML) 5 Page - Texas Instruments

  TPA2000D4DAP Datasheet HTML 1Page - Texas Instruments TPA2000D4DAP Datasheet HTML 2Page - Texas Instruments TPA2000D4DAP Datasheet HTML 3Page - Texas Instruments TPA2000D4DAP Datasheet HTML 4Page - Texas Instruments TPA2000D4DAP Datasheet HTML 5Page - Texas Instruments TPA2000D4DAP Datasheet HTML 6Page - Texas Instruments TPA2000D4DAP Datasheet HTML 7Page - Texas Instruments TPA2000D4DAP Datasheet HTML 8Page - Texas Instruments TPA2000D4DAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TPA2000D4
STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER
WITH STEREO HP AMPLIFIER
SLOS337A – DECEMBER 2000 – REVISED MAY 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics, class-D amplifier, TA = 25°C, VDD = PVDD = 5 V, RL = 8 Ω, Gain = all gains
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
THD = 0.1%,
f = 1 kHz
1.5
W
THD+N
Total harmonic distortion plus noise
PO = 0.5 W,
f = 20 Hz to 20 kHz
<0.2%
BOM
Maximum output power bandwidth
THD = 1%
20
kHz
kSVR
Supply ripple rejection ratio
f = 1 kHz,
CBYPASS = 1 µF
–71
dB
SNR
Signal-to-noise ratio
85
dB
Vn
Noise output voltage
CBYPASS = 1 µF, f = 20 Hz to 20 kHz
20
µVRMS
ZI
Input impedance
>15
k
Ω
operating characteristics, headphone amplifier, TA = 25°C, VDD = PVDD = 5 V, RL = 32 Ω, Gain = 1 V/V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
THD = 0.1%,
f = 1 kHz
90
mW
THD+N
Total harmonic distortion plus noise
PO = 75 mW,
f = 20 Hz to 20 kHz
<0.2%
BOM
Maximum output power bandwidth
THD = 1%
20
kHz
kSVR
Supply ripple rejection ratio
f = 1 kHz,
CBYPASS = 1 µF
–42
dB
SNR
Signal-to-noise ratio
80
dB
Vn
Noise output voltage
CBYPASS = 1 µF, f = 20 Hz to 20 kHz
20
µVRMS
Table 1. Gain Settings
GAIN1
GAIN0
AMPLIFIER GAIN
(dB)
INPUT IMPEDANCE
(k
Ω)
GAIN1
GAIN0
TYP
TYP
0
0
6
104
0
1
12
74
1
0
18
44
1
1
23.5
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com