Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2000D4DAP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D4DAP
Description  STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D4DAP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPA2000D4DAP Datasheet HTML 8Page - Texas Instruments TPA2000D4DAP Datasheet HTML 9Page - Texas Instruments TPA2000D4DAP Datasheet HTML 10Page - Texas Instruments TPA2000D4DAP Datasheet HTML 11Page - Texas Instruments TPA2000D4DAP Datasheet HTML 12Page - Texas Instruments TPA2000D4DAP Datasheet HTML 13Page - Texas Instruments TPA2000D4DAP Datasheet HTML 14Page - Texas Instruments TPA2000D4DAP Datasheet HTML 15Page - Texas Instruments TPA2000D4DAP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
TPA2000D4
STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER
WITH STEREO HP AMPLIFIER
SLOS337A – DECEMBER 2000 – REVISED MAY 2003
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
–60
–40
–20
0
20
40
60
80
100
120
–300
–250
–200
–150
–100
–50
0
1
10
100
1 k
10 k
f – Frequency – Hz
HEADPHONE
OPEN-LOOP GAIN AND PHASE
vs
FREQUENCY
100 k
1 M
10 M
Phase
Gain
VDD = 5 V,
No Load
Figure 19
VDD = 5 V,
PO = 75 mW,
RL = 32 Ω,
AV = 0 dB
–50
–80
–90
–100
20
50
100 200
500
1 k
–40
–20
f – Frequency – Hz
HEADPHONE
CROSSTALK
vs
FREQUENCY
0
2 k
5 k 10 k 20 k
–70
–60
–30
–10
Figure 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com