Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA2000D4DAP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2000D4DAP
Description  STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D4DAP Datasheet(HTML) 3 Page - Texas Instruments

  TPA2000D4DAP Datasheet HTML 1Page - Texas Instruments TPA2000D4DAP Datasheet HTML 2Page - Texas Instruments TPA2000D4DAP Datasheet HTML 3Page - Texas Instruments TPA2000D4DAP Datasheet HTML 4Page - Texas Instruments TPA2000D4DAP Datasheet HTML 5Page - Texas Instruments TPA2000D4DAP Datasheet HTML 6Page - Texas Instruments TPA2000D4DAP Datasheet HTML 7Page - Texas Instruments TPA2000D4DAP Datasheet HTML 8Page - Texas Instruments TPA2000D4DAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TPA2000D4
STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER
WITH STEREO HP AMPLIFIER
SLOS337A – DECEMBER 2000 – REVISED MAY 2003
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
17
I
Analog ground
BYPASS
29
I
Connect capacitor to ground for BYPASS voltage filtering
COSC
19
I
Connect capacitor to ground to set oscillation frequency
GAIN0
4
I
Bit 0 of gain control
GAIN1
5
I
Bit 1 of gain control
HPLGAIN
12
I
Place RF between pins 12 and 13
HPRGAIN
15
I
Place RF between pins 14 and 15
HPLIN
3
I
Left HP single-ended (SE) input
HPLOUT
13
O
Left headphone output
HPRIN
30
I
Right HP SE input
HPROUT
16
O
Right headphone output
LINN
1
I
Left class-D negative differential input
LINP
2
I
Left class-D positive differential input
LOUTP
7
O
Left positive bridge-tied load (BTL) output
LOUTN
10
O
Left negative BTL output
MODE
14
I
Mode = 1, then HP, Mode = 0, then BTL
NC
21
—
No connection
PGNDL
8, 9
I
Left class-D high-current ground
PGNDR
24, 25
I
Right class-D high-current ground
PVDDL
6, 11
I
Left class-D high-current power supply
PVDDR
22, 27
I
Right class-D high power supply
ROSC
18
I
Connect resistor to ground to set oscillation frequency
RINP
31
I
Right class-D positive differential signal
RINN
32
I
Right class-D negative differential signal
ROUTN
23
O
Right negative BTL output
ROUTP
26
O
Right positive BTL output
SHUTDOWN
28
I
Shutdown terminal (negative logic)
VDD
20
I
Power supply
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage, VDD, PVDDL,R
–0.3 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
–0.3 V to VDD+0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com