Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS115 Datasheet(PDF) 8 Page - SynQor Worldwide Headquarters

Part # CS115
Description  All capacitors are X7R multi-layer ceramic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

CS115 Datasheet(HTML) 8 Page - SynQor Worldwide Headquarters

  CS115 Datasheet HTML 1Page - SynQor Worldwide Headquarters CS115 Datasheet HTML 2Page - SynQor Worldwide Headquarters CS115 Datasheet HTML 3Page - SynQor Worldwide Headquarters CS115 Datasheet HTML 4Page - SynQor Worldwide Headquarters CS115 Datasheet HTML 5Page - SynQor Worldwide Headquarters CS115 Datasheet HTML 6Page - SynQor Worldwide Headquarters CS115 Datasheet HTML 7Page - SynQor Worldwide Headquarters CS115 Datasheet HTML 8Page - SynQor Worldwide Headquarters CS115 Datasheet HTML 9Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Product # MCOTS-F-270-P-QT
Phone 1-888-567-9596
Doc.# 005-0005521
Rev. H
10/20/16
Page 8
MCOTS-F-270-P-QT
Current: 4A
Mil-COTS MIL-STD-810G Qualification Testing
MIL-STD-810G Test
Method
Description
Fungus
508.6
Table 508.6-I
Altitude
500.5 - Procedure I
Storage: 70,000 ft / 2 hr duration
500.5 - Procedure II
Operating: 70,000 ft / 2 hr duration; Ambient Temperature
Rapid Decompression
500.5 - Procedure III
Storage: 8,000 ft to 40,000 ft
Acceleration
513.6 - Procedure II
Operating: 15 g
Salt Fog
509.5
Storage
High Temperature
501.5 - Procedure I
Storage: 135 °C / 3 hrs
501.5 - Procedure II
Operating: 100 °C / 3 hrs
Low Temperature
502.5 - Procedure I
Storage: -65 °C / 4 hrs
502.5 - Procedure II
Operating: -55 °C / 3 hrs
Temperature Shock
503.5 - Procedure I - C
Storage: -65 °C to 135 °C; 12 cycles
Rain
506.5 - Procedure I
Wind Blown Rain
Immersion
512.5 - Procedure I
Non-Operating
Humidity
507.5 - Procedure II
Aggravated cycle @ 95% RH (Figure 507.5-7 aggravated temp - humidity cycle, 15 cycles)
Random Vibration
514.6 - Procedure I
10 - 2000 Hz, PSD level of 1.5 g2/Hz (54.6 g
rms), duration = 1 hr/axis
Shock
516.6 - Procedure I
20 g peak, 11 ms, Functional Shock (Operating no load) (saw tooth)
516.6 - Procedure VI
Bench Handling Shock
Sinusoidal vibration
514.6 - Category 14
Rotary wing aircraft - helicopter, 4 hrs/axis, 20 g (sine sweep from 10 - 500 Hz)
Sand and Dust
510.5 - Procedure I
Blowing Dust
510.5 - Procedure II
Blowing Sand
EMI
Military Standard 461 Compliance Matrix
This table shows the MIL-STD-461 requirements/limits that will be met* by the stand-alone setups indicated below:
Mil-Std-461
MIL-STD-461D/E/F
Requirement
Most Stringent Limit Listed
Conducted Emissions
CE101
CE102
Submarine
Basic Curve
Conducted Susceptibility
CS101
CS106
CS114
CS115
CS116
Curve #2
461F Only
Curve #5
Basic Waveform
Imax = 10A
Radiated Emissions
RE101
Navy
RE102†
Submarine
Fixed Wing Internal, >25 meters Nose to Tail
Radiated Susceptibility
RS101
RS103
Army
Aircraft External
* Susceptibility requirements/limits are considered to be met as long as transient deviations in the converter’s output voltage remain within ±10% of its initial
value.
† Met with metal screen shield covering the filter, converter, and resistive load.
‡ In almost every case the limit listed is the most stringent of the requirements. The one exception is CE03 - High Frequency Broadband Conducted
Emissions, Converter with Passive Filter. In this case the filter and converter passed the A1 limit. The filter and converter pass the CE03 - Narrowband
Conducted Emissions at the A5 limit level.
MCOTS
• MCOTS-F-28-P Filter
• MCOTS-28-05S Converter
• 120W Resistive load
• Metal Chassis Plane
• MCOTS-F-270-P Filter
• MCOTS-270-05-QT Converter



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com