Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS115 Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # CS115
Description  All capacitors are X7R multi-layer ceramic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

CS115 Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  CS115 Datasheet HTML 1Page - SynQor Worldwide Headquarters CS115 Datasheet HTML 2Page - SynQor Worldwide Headquarters CS115 Datasheet HTML 3Page - SynQor Worldwide Headquarters CS115 Datasheet HTML 4Page - SynQor Worldwide Headquarters CS115 Datasheet HTML 5Page - SynQor Worldwide Headquarters CS115 Datasheet HTML 6Page - SynQor Worldwide Headquarters CS115 Datasheet HTML 7Page - SynQor Worldwide Headquarters CS115 Datasheet HTML 8Page - SynQor Worldwide Headquarters CS115 Datasheet HTML 9Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Product # MCOTS-F-270-P-QT
Phone 1-888-567-9596
Doc.# 005-0005521
Rev. H
10/20/16
Page 3
MCOTS-F-270-P-QT
Current: 4A
MCOTS-F-270-P-QT ELECTRICAL CHARACTERISTICS
|Vin| <=500V, |Iout| <=4A unless otherwise specified.
Specifications subject to change without notice.
Parameter
Min.
Typ.
Max. Units Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
-500
500
V
Transient (≤ 1 s)
-630
630
V
Isolation Voltage
-2500
2500
V
Input/Output to Common-mode pins
Output Current
4
A
Operating Case Temperature
-55
100
°C
Baseplate Temperature
Storage Case Temperature
-65
135
°C
RECOMMENDED OPERATION CONDITIONS
Input Voltage
Continuous
-500
500
V
Transient (1 s, Rs* = 0 Ω)
-630
630
V
* Rs = Source Impedance
Output Current (continuous)
-4
4
A
ELECTRICAL CHARACTERISTICS
Output Voltage (continuous)
Vout = Vin - (Iin x Rdc)
V
DC Resistance (Rdc)
Total
Tcase = 25°C
146
mΩ
Tcase = 100°C
180
mΩ
Power Dissipation
4A output current
Tcase = 25°C
2.3
W
Tcase = 100°C
2.9
W
Total Differential-Mode Capacitance
0.54
µF
Measured across input and output pins
Total Common-Mode Capacitance
0.13
µF
Measured between any pin to case
Bulk Capacitor
2.4
µF
Damping Resistor
8.2
Ω
Noise Attenuation
Differential-Mode
80
dB
Common-Mode
50
dB
Isolation Resistance
100
MΩ
Any pin to common-mode pins
RELIABILITY CHARACTERISTICS
Calculated MTBF (MIL-STD-217F2)
GB @ Tcase = 70ºC
10
106 Hrs.
GM @ Tcase = 70ºC
0.5
106 Hrs.
Demonstrated MTBF
106 Hrs. See our website for details
WEIGHT CHARACTERISTICS
Device Weight
82.7
g
* Rs = Source Impedance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com