Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS115 Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # CS115
Description  All capacitors are X7R multi-layer ceramic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

CS115 Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  CS115 Datasheet HTML 1Page - SynQor Worldwide Headquarters CS115 Datasheet HTML 2Page - SynQor Worldwide Headquarters CS115 Datasheet HTML 3Page - SynQor Worldwide Headquarters CS115 Datasheet HTML 4Page - SynQor Worldwide Headquarters CS115 Datasheet HTML 5Page - SynQor Worldwide Headquarters CS115 Datasheet HTML 6Page - SynQor Worldwide Headquarters CS115 Datasheet HTML 7Page - SynQor Worldwide Headquarters CS115 Datasheet HTML 8Page - SynQor Worldwide Headquarters CS115 Datasheet HTML 9Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Product # MCOTS-F-270-P-QT
Phone 1-888-567-9596
Doc.# 005-0005521
Rev. H
10/20/16
Page 1
MCOTS-F-270-P-QT
Passive Filter
Quarter-Brick
MILITARY COTS EMI FILTER
-500V to +500V
4A
180mΩ @ 100°C
>80dB @ 500kHz
Continuous Input
Output Current
Max. DC Resistance
Differential Attenuation
FULL POWER OPERATION: -55ºC to +100ºC
The Mil-COTS series of EMI filters brings SynQor’s
field proven technology and manufacturing expertise
to the military and aerospace industry. SynQor’s
innovative packaging approach ensures survivability
in the most hostile environments. Compatible with
the industry standard format, these filters have high
differential-mode and common-mode attenuation,
low DC resistance, and a stabilizing bulk capacitor
resistor. They follow conservative component derating
guidelines and they are designed and manufactured to
the highest standards.
Operational Features
• 4A output current
• Very low DC resistance
• >80dB differential-mode attenuation at 500kHz
• >50dB common-mode attenuation at 500kHz
• Stabilizing bulk capacitor and damping resistor included
• All capacitors are X7R multi-layer ceramic
Mechanical Features
• Size: 2.39" x 1.54" x 0.50"(60.6 x 39.0 x 12.7 mm)
• Total weight: 3.0 oz. (85g)
• Flanged baseplate version available
Safety Features
• 2500V, input-to-case isolation
• Certified 60950-1 requirement for basic insulation
(see Standards and Qualifications page)
Screening Qualifications
• Qualified to MIL-STD-810
• Available with S-Grade or M-Grade screening
• Pre-cap inspection per IPC-A-610, Class III
• Temperature cycling per MIL-STD-883, Method 1010,
Condition B, 10 cycles
• Burn-In at 100°C baseplate temperature
• Final visual inspection per MIL-STD-883, Method 2009
In-Line Manufacturing Process
• AS9100 and ISO 9001 certified facility
• Full component traceability
Designed and Manufactured in the USA
MCOTS-F-270-P-QT
EMI FILTER
-500V to
+500Vin
4Aout


Similar Part No. - CS115

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
CS115 LUMILEDS-CS115 Datasheet
2Mb / 4P
The Times Square Ball
More results

Similar Description - CS115

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
Multi-layer ceramic chip capacitors
logo
SAMWHA ELECTRIC
CS0603C0G104B6R3NRA SAMWHA-CS0603C0G104B6R3NRA Datasheet
774Kb / 14P
Multi Layer Ceramic Capacitors
logo
Rohm
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
Multi-layer ceramic chip capacitors
logo
SynQor Worldwide Headqu...
IQ040PFQTX30 SYNQOR-IQ040PFQTX30 Datasheet
1Mb / 8P
All capacitors are X7R multi-layer ceramic
IQ080PFQTX20 SYNQOR-IQ080PFQTX20 Datasheet
1Mb / 8P
All capacitors are X7R multi-layer ceramic
IQ200PFQTC10 SYNQOR-IQ200PFQTC10 Datasheet
1Mb / 8P
All capacitors are X7R multi-layer ceramic
MCOTS-F-270-P-HT SYNQOR-MCOTS-F-270-P-HT Datasheet
5Mb / 9P
All capacitors are X7R multi-layer ceramic
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com