Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84326 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS84326
Description  CRYSTAL-TO-3.3V LVPECL SERIAL ATTACHED SCSI CLOCK SYNTHESIZER/FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84326 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS84326 Datasheet HTML 3Page - Integrated Circuit Systems ICS84326 Datasheet HTML 4Page - Integrated Circuit Systems ICS84326 Datasheet HTML 5Page - Integrated Circuit Systems ICS84326 Datasheet HTML 6Page - Integrated Circuit Systems ICS84326 Datasheet HTML 7Page - Integrated Circuit Systems ICS84326 Datasheet HTML 8Page - Integrated Circuit Systems ICS84326 Datasheet HTML 9Page - Integrated Circuit Systems ICS84326 Datasheet HTML 10Page - Integrated Circuit Systems ICS84326 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
84326AM
www.icst.com/products/hiperclocks.html
REV. A MARCH 10, 2003
7
Integrated
Circuit
Systems, Inc.
ICS84326
CRYSTAL-TO-3.3V LVPECL
SERIAL ATTACHED SCSI CLOCK SYNTHESIZER/FANOUT BUFFER
PRELIMINARY
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. The ICS84326 provides sepa-
rate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
CC, VCCA and VCCO
should be individually connected to the power supply plane
through vias, and bypass capacitors should be used for each
pin. To achieve optimum jitter performance, power supply iso-
lation is required.
Figure 1 illustrates how a 20
Ω resistor along
with a 10
µF and a .01µF bypass capacitor should be con-
nected to each V
CCA pin.
POWER SUPPLY FILTERING TECHNIQUES
FIGURE 1. POWER SUPPLY FILTERING
20
Ω
V
CCA
10
µF
.01
µF
3.3V
.01
µF
V
CC
APPLICATION INFORMATION
TERMINATION FOR 3.3V LVPECL OUTPUTS
The clock layout topology shown below is a typical termina-
tion for 3.3V LVPECL outputs. The two different layouts
mentioned are recommended only as guidelines.
FOUT and nFOUT are low impedance follower outputs that
generate ECL/LVPECL compatible outputs. Therefore, termi-
nating resistors (DC current path to ground) or current
sources must be used for functionality. These outputs are
FIGURE 2B. LVPECL OUTPUT TERMINATION
3.3V
F
OUT
F
IN
5
2 Zo
Z
o
5
2
Z
o
3
2
Z
o
3
2
Z
o = 50Ω
Z
o = 50Ω
FIGURE 2A. LVPECL OUTPUT TERMINATION
RTT =
1
(V
OH + VOL / VCC –2) –2
Z
o
Z
o = 50Ω
Z
o = 50Ω
50
Ω
50
Ω
RTT
V
CC - 2V
F
IN
F
OUT
designed to drive 50
Ω transmission lines. Matched impedance
techniques should be used to maximize operating
frequency and minimize signal distortion.
Figures 2A and 2B
show two different layouts which are recommended only
as guidelines. Other suitable clock layouts may exist and it
would be recommended that the board designers simulate to
guarantee compatibility across all printed circuit and clock
component process variations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com