Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84326 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS84326
Description  CRYSTAL-TO-3.3V LVPECL SERIAL ATTACHED SCSI CLOCK SYNTHESIZER/FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84326 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS84326 Datasheet HTML 4Page - Integrated Circuit Systems ICS84326 Datasheet HTML 5Page - Integrated Circuit Systems ICS84326 Datasheet HTML 6Page - Integrated Circuit Systems ICS84326 Datasheet HTML 7Page - Integrated Circuit Systems ICS84326 Datasheet HTML 8Page - Integrated Circuit Systems ICS84326 Datasheet HTML 9Page - Integrated Circuit Systems ICS84326 Datasheet HTML 10Page - Integrated Circuit Systems ICS84326 Datasheet HTML 11Page - Integrated Circuit Systems ICS84326 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
84326AM
www.icst.com/products/hiperclocks.html
REV. A MARCH 10, 2003
8
Integrated
Circuit
Systems, Inc.
ICS84326
CRYSTAL-TO-3.3V LVPECL
SERIAL ATTACHED SCSI CLOCK SYNTHESIZER/FANOUT BUFFER
PRELIMINARY
2.5V
Zo = 50 Ohm
R3
18
+
-
Zo = 50 Ohm
2.5V
R2
50
R1
50
2,5V LVPECL
Driver
R3
250
+
-
2.5V
2,5V LVPECL
Driver
2.5V
Zo = 50 Ohm
R4
62.5
R2
62.5
2.5V
Zo = 50 Ohm
R1
250
2.5V
R1
50
R2
50
+
-
Zo = 50 Ohm
2.5V
2,5V LVPECL
Driver
Zo = 50 Ohm
TERMINATION FOR 2.5V LVPECL OUTPUT
Figure 3A and Figure 3B show examples of termination for 2.5V
LVPECL driver. These terminations are equivalent to terminat-
ing 50
Ω to V
CC - 2V. For VCC = 2.5V, the VCC - 2V is very close to
ground level. The R3 in Figure 3B can be eliminated and the
termination is shown in
Figure 3C.
FIGURE 3A. 2.5V LVPECL DRIVER TERMINATION EXAMPLE
FIGURE 3B. 2.5V LVPECL DRIVER TERMINATION EXAMPLE
FIGURE 3C. 2.5V LVPECL TERMINATION EXAMPLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com