Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84326 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS84326
Description  CRYSTAL-TO-3.3V LVPECL SERIAL ATTACHED SCSI CLOCK SYNTHESIZER/FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84326 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS84326 Datasheet HTML 5Page - Integrated Circuit Systems ICS84326 Datasheet HTML 6Page - Integrated Circuit Systems ICS84326 Datasheet HTML 7Page - Integrated Circuit Systems ICS84326 Datasheet HTML 8Page - Integrated Circuit Systems ICS84326 Datasheet HTML 9Page - Integrated Circuit Systems ICS84326 Datasheet HTML 10Page - Integrated Circuit Systems ICS84326 Datasheet HTML 11Page - Integrated Circuit Systems ICS84326 Datasheet HTML 12Page - Integrated Circuit Systems ICS84326 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
84326AM
www.icst.com/products/hiperclocks.html
REV. A MARCH 10, 2003
9
Integrated
Circuit
Systems, Inc.
ICS84326
CRYSTAL-TO-3.3V LVPECL
SERIAL ATTACHED SCSI CLOCK SYNTHESIZER/FANOUT BUFFER
PRELIMINARY
FIGURE 5A. ICS84326 SCHEMATIC EXAMPLE
CRYSTAL INPUT INTERFACE
The ICS84326 has been characterized with 18pF parallel
resonant crystals. The capacitor values, C1 and C2, shown
in
Figure 4 below were determined using a 25MHz, 18pF
Figure 4. CRYSTAL INPUt INTERFACE
C2
22pF
C1
18pF
25MHz X1
ICS84326
19
20
XTAL2
XTAL1
parallel resonant crystal and were chosen to minimize the
ppm error. The optimum C1 and C2 values can be slightly
adjusted for different board layouts.
SCHEMATIC EXAMPLE
Figure 5A shows a schematic example of using an ICS84326. In
this example, the input is a 25MHz parallel resonant crystal with
load capacitor CL=18pF. The frequency fine tuning capacitors C1
and C2 is 22pF and 18pF respectively. This example also shows
logic control input handling. The configuration is set at F_SEL=0,
therefore, the output frequency is 150MHz. It is recommended to
have one decouple capacitor per power pin. Each decoupling ca-
pacitor should be located as close as possible to the power pin.
The low pass filter R7, C11 and C16 for clean analog supply should
also be located as close to the V
CCA pin as possible.
X1
25MHz,18pF
C5
0.1u
R6
1K
VCCA
R2
50
VCC
+
-
R5
1K
VCC
R3
50
VCC=3.3V
U1
ICS84326
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
VCCO
VEE
PLL_SEL
VCC
VCCA
nc
XTAL2
XTAL1
MR
nc
F_SEL
VCCO
(U1,24)
C6
0.1u
C16
10u
VCC
(U1,13)
C2
18p
VCC
R7
24
R1
50
C11
0.1u
Zo = 50
Zo = 50
R4
1K
(U 1,16)
C3
0.1u
C1
22p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com