Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1700AST Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ICS1700AST
Description  QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS1700AST Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ICS1700AST Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS1700AST Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS1700AST Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS1700AST Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS1700AST Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS1700AST Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS1700AST Datasheet HTML 9Page - List of Unclassifed Manufacturers ICS1700AST Datasheet HTML 10Page - List of Unclassifed Manufacturers ICS1700AST Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
ICS1700A
Battery Fault Detection
The ICS1700A will turn on the PFN fault indicator and shut down
if the battery is removed or if an open circuit occurs in the current
path anytime after fast charge has been initiated. When in the
topping charge or maintenance charge stages, a charge pulse may
not occur for several seconds. During the period between charge
pulses, the voltage at VIN should be greater than 0.5V if a battery
is attached. If the voltage at VIN is less than 0.5V, the ICS1700A
assumes the battery has been removed, a fault condition is
indicated by the PFN fault indicator, and the controller shuts down.
Cold Battery Charging
Cold battery charging is activated if a voltage at the THERM pin is
in the cold battery voltage range, as shown in Figure 7. The
ICS1700A checks for a cold battery before initiating fast charge. If
a cold battery is present before fast charging begins, the ICS1700A
begins a two-hour C/10 topping charge (the pulsed duty cycle is
based on the selected charge rate). If the battery is still cold after
the two-hour topping charge is complete, the ICS1700A begins a
C/40 maintenance charge. The maintenance charge will continue
for as long as the battery remains cold. The thermistor voltage at
the THERM pin is checked every second to see if the battery has
warmed up. If so, the ICS1700A stops the topping charge or
maintenance charge and begins a fast charge at a rate selected by
the SEL0 and SEL1 inputs. See the section on Temperature
Sensing for more information.
The CMN will flash at a one-second rate, and the OTN indicator
will be active, indicating that a low current charge is being applied
to a battery that is outside the specified temperature range for fast
charging.
Battery Polling
Upon power-up or after a reset is issued, any excess charge from
filter capacitors at the charging system terminals is removed with a
series of discharge pulses. After the discharge pulse series is
complete, the voltage at VIN must be greater than 0.5V when a
battery is present. If the voltage at VIN is less than 0.5V, the
ICS1700A assumes no battery is attached and initiates a polling
sequence.
The ICS1700A then applies a 100ms charge pulse. During the
pulse, the ICS1700A monitors the VIN pin to determine if the
divided down terminal voltage is greater than the internal 2.0V
reference. If the battery is present, the voltage is clamped below the
2.0V reference when the current pulse is applied and the fast
charge stage begins immediately. If a battery is not present, the
voltage at VIN rises above the 2.0V reference and the PFN fault
indicator is activated.
The charge pulses repeat for 10 seconds. If the battery is installed
within 10 seconds, the ICS1700A will turn off the PFN fault
indicator and enter the soft start stage. If the battery is not installed
within 10 seconds, the PFN fault indicator remains active and the
ICS1700A shuts down. A reset must be issued to restart the
controller after installing the battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com