Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1700AST Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ICS1700AST
Description  QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS1700AST Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ICS1700AST Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS1700AST Datasheet HTML 9Page - List of Unclassifed Manufacturers ICS1700AST Datasheet HTML 10Page - List of Unclassifed Manufacturers ICS1700AST Datasheet HTML 11Page - List of Unclassifed Manufacturers ICS1700AST Datasheet HTML 12Page - List of Unclassifed Manufacturers ICS1700AST Datasheet HTML 13Page - List of Unclassifed Manufacturers ICS1700AST Datasheet HTML 14Page - List of Unclassifed Manufacturers ICS1700AST Datasheet HTML 15Page - List of Unclassifed Manufacturers ICS1700AST Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
ICS1700A
Voltage Reference: VREF Pin
A 1.26V reference is present at this pin. The reference sets internal
voltage references such as the 0.5V and 2.0V internal thresholds
used by the controller for battery polling/fault detection and the
analog/digital converter range.
The reference provides a fast way of checking the internal
thresholds. Measuring VREF with a high input impedance volt
meter (>1M
) is required. The reference can only be used if it is
buffered with a high impedance device having an input impedance
greater than 1M
. Buffering is essential to ensure that the internal
voltage
thresholds
and
analog/digital
converter
range
and
resolution are not altered.
The reference may be overridden by an external 1.2V to 1.3V
reference.
Power: VDD Pin
The power supply for the device must be connected to the VDD
pin. The voltage should be +5 VDC and should be supplied to the
part through a regulator that has good noise rejection and an
adequate current rating. The controller requires up to a maximum
of 11mA with V
DD
=5.00V.
Grounding: VSS, AVSS Pins
There are two ground pins. Both pins must be connected together
at the device. This point must have a direct connection to a solid
ground plane.
Using no temperature sensor:
If a temperature sensor is not used, the THERM pin must be
grounded.
Voltage Input: VIN Pin
The battery voltage must be normalized by an external resistor
divider network to one cell. The electrochemical potential of one
cell is about 1.2V. For example, if the battery consists of six cells
in series, the voltage at the VIN pin must be equal to the total
battery voltage divided by six. This can be accomplished with two
resistors, as shown in Figure 11. To determine the correct resistor
values, count the number of cells to be charged in series. Then
choose either R1 or R2 and solve for the other resistor using:
R1 = R2 * (# of cells -1) or R2 =
R1
(# of cells -1)
Figure 11: Resistor divider network
at the VIN pin
R1
R2
VIN pin
# of cells



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com