Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1700AST Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ICS1700AST
Description  QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS1700AST Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ICS1700AST Datasheet HTML 9Page - List of Unclassifed Manufacturers ICS1700AST Datasheet HTML 10Page - List of Unclassifed Manufacturers ICS1700AST Datasheet HTML 11Page - List of Unclassifed Manufacturers ICS1700AST Datasheet HTML 12Page - List of Unclassifed Manufacturers ICS1700AST Datasheet HTML 13Page - List of Unclassifed Manufacturers ICS1700AST Datasheet HTML 14Page - List of Unclassifed Manufacturers ICS1700AST Datasheet HTML 15Page - List of Unclassifed Manufacturers ICS1700AST Datasheet HTML 16Page - List of Unclassifed Manufacturers ICS1700AST Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
ICS1700A
Data Tables
Table 5: Absolute Maximum Ratings
Table 6: DC Characteristics
Table 7: DC Voltage Thresholds
Supply Voltage
6.5
V
Logic Input Levels
-0.5 to V
DD + 0.5
V
Ambient Operating Temperature
0 to 70
°C
Storage Temperature
-55 to 150
°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only.
Functional operation of the device at the Absolute Maximum Ratings or other conditions not consistent with the characteristics shown in this
document is not recommended. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
T
AMB=25
°C
PARAMETER
TYP
UNITS
Minimum Battery Voltage
0.5
V
Maximum Battery Voltage
2.0
V
Thermistor - Cold Temperature
2.4
V
Thermistor - Hot Temperature
0.93
V
Thermal Switch - Open
4.2
V
Thermal Switch - Closed
0.5
V
T
amb=25
°C. All values given are typical at specified V
DD.
Parameter
Symbol
Test Conditions
MIN
TYP
MAX
UNITS
Supply Voltage
V
DD
4.5
5.0
5.5
V
Supply Current
I
DD
7.3
mA
High Level Input Voltage
SEL0, SEL1
V
IH
3.6
4.1
4.5
V
Low Level Input Voltage
SEL0, SEL1
V
IL
0.73
0.75
0.8
V
Low Level Input Current, pull-up
THERM, MRN
I
IL
V=0.4V
74
µA
High Level Source Current
CHG, DCHG
I
OH
V= V
DD
- 0.4V
28
mA
Low Level Sink Current
CHG, DCHG
I
OL
V=0.4V
25
mA
Low Level Sink Current, indicator
PFN, CMN
I
OL
V=0.4V
40
mA
Low Level Sink Current, indicator
OTN
I
OL
V=0.4V
28
mA
Input Impedance
1.0
M
Analog/Digital Converter Range
0-2.2
0-2.7
0-2.7
V
Voltage Reference
V
REF
1.20
1.26
1.31
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com