Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP3-4R7-R Datasheet(PDF) 7 Page - Vicor Corporation

Part # FP3-4R7-R
Description  DC-DC Converter Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FP3-4R7-R Datasheet(HTML) 7 Page - Vicor Corporation

Back Button FP3-4R7-R Datasheet HTML 3Page - Vicor Corporation FP3-4R7-R Datasheet HTML 4Page - Vicor Corporation FP3-4R7-R Datasheet HTML 5Page - Vicor Corporation FP3-4R7-R Datasheet HTML 6Page - Vicor Corporation FP3-4R7-R Datasheet HTML 7Page - Vicor Corporation FP3-4R7-R Datasheet HTML 8Page - Vicor Corporation FP3-4R7-R Datasheet HTML 9Page - Vicor Corporation FP3-4R7-R Datasheet HTML 10Page - Vicor Corporation FP3-4R7-R Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
UG:301
vicorpower.com
Applications Engineering: 800 927.9474
Page 7
Item
Qty Ref Design
Part #
Value U/M Description
1.
1
U1
PI3101-00-HVIZ
NA
EA
Picor PI3101-00 High Density PSiP
2.
12
C8-C19
GRM-
21BR71A106KE5
10u
F
Murata X7R Ceramic Capacitor 10 V or equiv.
3.
6
C1-C4, C20-
C21
GRM-
31CR72A105KE1
1u
F
Murata X7R Ceramic Capacitor 100V or equiv.
4.
4
CY1-CY4
GRM-
31BR73A472K
4700p
F
Murata X7R Ceramic Capacitor 1kV or equiv..
5.
1
L1
FP3-4R7-R
4.7u
H
Coilcraft Inductor
6.
1
C6
08055C391K-
AT2A
390p
F
Kemet X7R Ceramic Capacitor 50V 0805
7.
1
C5
EEU-FC2A470
47u
F
Panasonic Electrolytic Capacitor 100V
8.
1
R1
MCR10EZPF9092
90.9k
Ohm Rohm Resistor 0805 1% or equiv
9.
1
R3
MCR10EZPF3013
301k
Ohm Rohm Resistor 0805 1% or equiv
10.
1
R2
MCR10EZPF1003
100k
Ohm Rohm Resistor 0805 1% or equiv
11.
1
R4
MCR10EZPF1000
100
Ohm Rohm Resistor 0805 1% or equiv
12.
1
F1
0154003DR
3
A
Littlefuse Fuseblock 3A SMT
13.
8
5015KCT-ND
N/A
N/A
Digi-Key SMT PC Test Point
14.
1
OUT
131503100
N/A
N/A
Tektronix Test Jack Assembly
15.
6
ENABLE,
TRIM UP,
TRIM_DN
TSW-148-07-F-S
N/A
N/A
J,Header 0.1"
Item
Qty Ref Design
Part #
Value U/M Description
1.
1
U1
PI3105-00-HVIZ
NA
EA
Picor PI3105-00 High Density PSiP
2.
6
C8-C19
GRM-
21BR71A475KE5
4.7u
F
Murata X7R Ceramic Capacitor 16V or equiv.
3.
6
C1-C4, C20-
C21
GRM-
31CR72A105KE1
1u
F
Murata X7R Ceramic Capacitor 100V or equiv.
4.
4
CY1-CY4
GRM-
31BR73A472K
4700p
F
Murata X7R Ceramic Capacitor 1kV or equiv..
5.
1
L1
FP3-R47-R
470n
H
Coilcraft Inductor
6.
1
C6
08055C391K-
AT2A
390p
F
Kemet X7R Ceramic Capacitor 50V 0805
7.
1
C5
EEU-FC2A470
47u
F
Panasonic Electrolytic Capacitor 100V
8.
1
R1
MCR10EZPF9092
90.9k
Ohm Rohm Resistor 0805 1% or equiv
9.
1
R3
MCR10EZPF3013
301k
Ohm Rohm Resistor 0805 1% or equiv
10.
1
R2
MCR10EZPF1003
100k
Ohm Rohm Resistor 0805 1% or equiv
11.
1
R4
MCR10EZPF1000
100
Ohm Rohm Resistor 0805 1% or equiv
12.
1
F1
0154003DR
3
A
Littlefuse Fuseblock 3A SMT
13.
8
5015KCT-ND
N/A
N/A
Digi-Key SMT PC Test Point
14.
1
OUT
131503100
N/A
N/A
Tektronix Test Jack Assembly
15.
6
ENABLE,
TRIM UP,
TRIM_DN
TSW-148-07-F-S
N/A
N/A
J,Header 0.1"
Table 4.
PI3101-00-EVAL1
Evaluation Board BOM
Table 5.
PI3105-00-EVAL1
Evaluation Board BOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com