Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP3-4R7-R Datasheet(PDF) 14 Page - Vicor Corporation

Part # FP3-4R7-R
Description  DC-DC Converter Evaluation Board
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FP3-4R7-R Datasheet(HTML) 14 Page - Vicor Corporation

Back Button FP3-4R7-R Datasheet HTML 6Page - Vicor Corporation FP3-4R7-R Datasheet HTML 7Page - Vicor Corporation FP3-4R7-R Datasheet HTML 8Page - Vicor Corporation FP3-4R7-R Datasheet HTML 9Page - Vicor Corporation FP3-4R7-R Datasheet HTML 10Page - Vicor Corporation FP3-4R7-R Datasheet HTML 11Page - Vicor Corporation FP3-4R7-R Datasheet HTML 12Page - Vicor Corporation FP3-4R7-R Datasheet HTML 13Page - Vicor Corporation FP3-4R7-R Datasheet HTML 14Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Rev 1.0
6/13
vicorpower.com
Applications Engineering: 800 927.9474
Page 14
Cool-Power® Series
Evaluation Board
High Density Isolated DC-DC Converter
OUT+
OUT
OUT–
IN–
IN+
ENABLE
TRIM_DN
TRIM_UP
F1
L1
C5
INP
CY1
CY2 OUTP
YP
INN
CY3
CY4
OUTN
YN
OPT1 OPT2
C7
R1
R4
R3
R2
C6
PI31
-
EVAL1
0.250”
0.150”
1.55”
0.750”
0.150”
0.335”
0.335”
3.100”
2.430”
0.250”
3.100”
2.600”
0.750”
Figure 13.
Mechanical Drawing
Ordering Information
The PI31xx Customer Evaluation Boards are specified by adding the suffix “-EVAL1” to
the base PI31xx-xx model number.
Go to http://www.vicorpower.com/cms/home/company/contact-us for
ordering information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com